Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRFS-3WR2 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # WRFS-3WR2
Description  Ultra-Miniature SIP Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

WRFS-3WR2 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  WRFS-3WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 5Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 6Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRE_S-3WR2 & WRF_S-3WR2
2013.07.26-A/3
Page 3 of 7
Storage Temperature
-55
--
125
Temp. rise at full load
Ta=25
°C
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection
EMC SPECIFICATIONS
CE
CISPR22/EN55022 CLASS B(Recommended Circuit Refer to Figure1-
or Figure 3
②
)
EMI
RE
CISPR22/EN55022 CLASS B (Recommended Circuit Refer to Figure1-
or Figure 3
②
)
ESD
IEC/EN61000-4-2
Contact
±4KV/ Air ±8KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
±2KV
(Recommended Circuit Refer to Figure1-①)
perf. Criteria B
EFT
IEC/EN61000-4-4
±4KV
(Recommended Circuit Refer to Figure 3)
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV
(Recommended Circuit Refer to Figure1-① or Figure 3) perf. Criteria B
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips, short and
interruptions immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B
EMC RECOMMENDED CIRCUIT
LD M2
②
C0
T VS
LD M1
M OV
F U SE
①
C1
+
V in
G ND
+ Vo
-Vo
( 0 V)
EUT
L O AD
C2
CY
C trl
Cd
D1
R
③
C t rl
V in
G ND
(Figure1)
Recommended external circuit parameters:
Model
Vin:5V
Vin:12V
Vin:24V
Vin:48V
FUSE
Choose according to practical input current
MOV
--
--
S14K35
S14K60
LDM1
--
--
56
μH
56
μH
TVS
SMCJ13A
SMCJ28A
SMCJ48A
SMCJ90A
C0
680
μF/16V
680
μF/25V
330
μF/50V
330
μF/100V
C1
4.7
μF/50V
4.7
μF/100V
LDM2
12
μH
C2
4.7
μF/50V
4.7
μF/100V
CY
1nF/3KV
D1
RB160M-60/1A
R
Follows:
300
-
0
.
1
-
-
C
D
C
I
V
V
R =
Cd
47nF/100V
Note: 1.In Figure 1, part ① is EMS recommended external circuit, part ② is EMI recommended external circuit. Choose according to requirements;
2. VC is the voltage to GND from Ctrl, VD is the forward conduction voltage drop of D1,IC is the current through Ctrl pin which is normally 5-10mA, the external
circuit of Ctrl is as shown in figure1-③;
3. If there is no recommended parameters, the model no require the external component.
EMC RECOMMENDED CIRCUIT PCB LAYOUT
DUAL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com