Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRFS-3WR2 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # WRFS-3WR2
Description  Ultra-Miniature SIP Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

WRFS-3WR2 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  WRFS-3WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 5Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 6Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRE_S-3WR2 & WRF_S-3WR2
2013.07.26-A/3
Page 4 of 7
SINGLE
(Figure 2)
Note: The pad space between input and output GND (CY) must
≥2mm.
EMC MODULE APPLICATION CIRCUIT
E UT
GND
C trl
-Vo
+Vo
-Vin
+Vin
FT- A /B X 1D
Lo ad
-Vo
(0V)
+Vo
Vin
Cd
D1
R
C t rl
C
+
-Vin
+Vin
FU SE
FT-A/BX1D is MORNSUN
’s EFT suppresser
For Nominal Voltage<48V, C
≥330uF/50V
For Nominal Voltage =48V, C
≥330uF/100V
(Figure 3)
EMC MODULE RECOMMENDED CIRCUIT PCB LAYOUT
DUAL
SINGLE
(Figure 4)
EMI TEST WAVEFORM (RECOMMENDED CIRCUIT REFER TO FIGURE 1-②)
WRE2415S-3WR2 CE(Class B, Positive line)
WRE2415S-3WR2 CE(Class B, Negative line)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com