Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRFS-3WR2 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # WRFS-3WR2
Description  Ultra-Miniature SIP Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

WRFS-3WR2 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  WRFS-3WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 5Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 6Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRE_S-3WR2 & WRF_S-3WR2
2013.07.26-A/3
Page 1 of 7
WRE_S - 3WR2 & WRF_S - 3WR2 Series
3W,WIDE INPUT, ISOLATED & REGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Patent Protected
RoHS
PART NUMBER SYSTEM
WRF1205S-3WR2
Product Se ries
Input Volta ge
Output Vo ltage
Packag e St yle
Rated Pow er
FEATURES
● Ultra-Miniature SIP Package
● 2:1 wide input voltage range
● Temperature range: -40°C ~ +85°C
● 3KVDC isolation
● Short circuit protection(automatic recovery)
● External On/Off control
● High power density
APPLICATION
The WRE_S-3WR2
& WRF_S-3WR2
Series
are
specially designed for applications where a wide range input
voltage power supplies are isolated from the input power
supply in a distributed power supply system on a circuit
board. For these DC-DC converters, You can reduce the
design point of failure and save the development of micro
power supply
‘s manpower, material and time costs, also
better ensure product quality stability, protect safety and
reliability of the end of products.
These products apply to where:
1)
Input voltage range
≤2:1;
2)
3KVDC input and output isolation;
3)
Regulated and low ripple noise is required.
Such as: industrial control, telecommunication etc.
SELECTION GUIDE
Input Voltage(VDC)
Output Current (mA) Input Current (mA)(Typ.)
Model
Nominal
(Range)
Max.
①
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No
Load
Reflected
Ripple
Current
(mA, Typ.)
Max.
Capacitive
Load
②
(
µF)
Efficiency
(%, Typ.)
@Max.
Load
WRE0505S-3WR2
±5
±250
±13
676
1000
74
WRE0512S-3WR2
±12
±104
±5
650
470
77
WRE0515S-3WR2
±15
±83
±4
650
330
77
WRF0505S-3WR2
5
500
25
685
2200
73
WRF0509S-3WR2
9
278
14
676
1000
74
WRF0512S-3WR2
12
208
10
650
680
77
WRF0515S-3WR2
5
(4.5-9)
11
15
167
8
676
40
30
470
74
WRE1205S-3WR2
±5
±300
±15
321
1000
78
WRE1212S-3WR2
±12
±125
±6
317
470
79
WRE1215S-3WR2
±15
±100
±5
313
330
80
WRF1203S-3WR2
3.3
758
38
278
2700
75
WRF1205S-3WR2
5
600
30
329
2200
76
WRF1209S-3WR2
9
333
17
317
1000
79
WRF1212S-3WR2
12
250
13
305
680
82
WRF1215S-3WR2
15
200
10
302
470
83
WRF1224S-3WR2
12
(9-18)
20
24
125
6
309
20
30
330
81
WRE2405S-3WR2
±5
±300
±15
158
1000
79
WRE2409S-3WR2
±9
±167
±8
155
680
81
WRE2412S-3WR2
±12
±125
±6
151
470
83
WRE2415S-3WR2
±15
±100
±5
151
330
83
WRF2403S-3WR2
3.3
758
38
141
2700
74
WRF2405S-3WR2
5
600
30
155
2200
81
WRF2409S-3WR2
9
333
17
151
1000
83
WRF2412S-3WR2
12
250
13
151
680
83
WRF2415S-3WR2
15
200
10
151
470
83
WRF2424S-3WR2
24
(18-36)
40
24
125
6
151
7
110
330
83


Similar Part No. - WRFS-3WR2

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WRF-SX ETA-USA-WRF-SX Datasheet
468Kb / 4P
300 WATT AC-DC CONVERTER
logo
MORNSUN Science& Techno...
WRF0505CKS-1W MORNSUN-WRF0505CKS-1W Datasheet
140Kb / 2P
DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
WRF0505P-3WR2 MORNSUN-WRF0505P-3WR2 Datasheet
279Kb / 6P
DC/DC Converter
WRF0505P-6W MORNSUN-WRF0505P-6W Datasheet
120Kb / 2P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
WRF0505S-1W REICU-WRF0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Single/Double Output SIP-Package
REV:3.1
More results

Similar Description - WRFS-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IF0505S-D-W75 MORNSUN-IF0505S-D-W75 Datasheet
122Kb / 2P
SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
MINIATURE SIP PACKAGE
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
Ultra-Miniature SIP Package
WRBS-3WR2 RSG-WRBS-3WR2 Datasheet
665Kb / 7P
Ultra-Miniature SIP Package
logo
MORNSUN Science& Techno...
B0303SD-1W MORNSUN-B0303SD-1W Datasheet
487Kb / 5P
SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0305SD-1W MORNSUN-B0305SD-1W Datasheet
487Kb / 5P
SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
Ultra Compact SIP package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com