Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4967 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AM4967
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4967 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AM4967 Datasheet HTML 7Page - Diodes Incorporated AM4967 Datasheet HTML 8Page - Diodes Incorporated AM4967 Datasheet HTML 9Page - Diodes Incorporated AM4967 Datasheet HTML 10Page - Diodes Incorporated AM4967 Datasheet HTML 11Page - Diodes Incorporated AM4967 Datasheet HTML 12Page - Diodes Incorporated AM4967 Datasheet HTML 13Page - Diodes Incorporated AM4967 Datasheet HTML 14Page - Diodes Incorporated AM4967 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Data Sheet
11
Oct. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Operating Diagram (Continued)
Figure 10. Operating Diagram 2 of AM4967 (Linear Start, VPWM Voltage
<VMIN Voltage, Note 4)
Figure 11. Operating Diagram 3 of AM4967 (Linear Start, VPWM Voltage
>VMIN Voltage, Note 4)
LS Voltage
VMIN Voltage
0V
Lock Protection
Linear Start
VPWM Setting Speed
3.0V
1.0V
ON-Duty
VPWM Voltage
100%
0%
COSC
LS Voltage
VMIN Voltage
0V
Lock Protection
Linear
Start
VMIN Setting Speed
3.0V
1.0V
ON-Duty
VPWM Voltage
100%
0%
COSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com