Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4967 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AM4967
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4967 Datasheet(HTML) 3 Page - Diodes Incorporated

  AM4967 Datasheet HTML 1Page - Diodes Incorporated AM4967 Datasheet HTML 2Page - Diodes Incorporated AM4967 Datasheet HTML 3Page - Diodes Incorporated AM4967 Datasheet HTML 4Page - Diodes Incorporated AM4967 Datasheet HTML 5Page - Diodes Incorporated AM4967 Datasheet HTML 6Page - Diodes Incorporated AM4967 Datasheet HTML 7Page - Diodes Incorporated AM4967 Datasheet HTML 8Page - Diodes Incorporated AM4967 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
BCD Semiconductor Manufacturing Limited
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Oct. 2008 Rev. 1. 2
Data Sheet
Pin Number
Pin Name
Function
1
OUT2
Second channel P-type driver output. Open-drain output, must be connected
with pull-up resistor to drive external power devices in operation
2
OUT2B
Second channel N-type driver output. Push-pull output to drive external
power devices
3
VCC
Power supply
4CS
Current limiter indicator. Fixed to 0.2V internally. Maximum allowable cur-
rent is decided by external sample resistance. When the voltage of this pin
exceeds 0.2V, the output will be shut down by current limit. If this function is
not used, connect this pin to ground directly
5VMIN
Minimum speed setting terminal. Connect it to VREF when disused. In case it
is tied to other power supply for controlling, an isolated resistor is necessary
6VPWM
Speed control terminal. It is full speed mode when connected to ground. If the
speed is controlled by PWM mode, the frequency of control signal is 20kHz
to 100kHz. Moreover, a low pass network is necessary to transfer PWM to
DC level
7COSC
PWM basic oscillation frequency generator when connected with a capacitor
of 220pF. 30kHz frequency is available.
8FG/RD
"FG" means pin 8 is an output pin of FG signal which is used for detecting
rotation speed. "RD" means pin 8 is an output pin of RD signal, and is used
for detecting fan rotate-stop state. "FG" and "RD" can be selected according
to the requirement. This pin need to be connected with pull-up resistor when
used. A new pulse will be generated once input signal changed. Keep this pin
open when it is not to be used
9HIN-
Hall sensor negative input. To prevent noise, this pin is recommended to be
placed as close as possible to Hall circuit. If necessary, a capacitor may be
added between HIN+ and HIN- to reduce the influence caused by noise
10
HIN+
Hall sensor positive input. To avoid noise, this pin is recommended to be
placed as close as possible to Hall circuit
11
CT
Lock protection and auto start frequency generator. It is connected with an
external 0.47
µF capacitor which decides lock-rotate time and start time. If
lock-rotate protection function is disused, please connect this pin to GND
12
LS
Linear start terminal. This pin is connected to VREF externally via a capacitor
of 0.47
µF to 1µF which enables fan start steadily. Start time is dependent to
the capacitance. If linear start function is not used, connect this pin to ground
13
VREF
5V voltage reference
14
GND
Ground for circuit control
15
OUT1B
First channel N-type driver output. Push-pull output to drive external power
devices
16
OUT1
First channel P-type driver output. Open-drain output, must be connected with
pull-up resistor to drive external power devices in operation
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com