Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4967 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AM4967
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4967 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AM4967 Datasheet HTML 7Page - Diodes Incorporated AM4967 Datasheet HTML 8Page - Diodes Incorporated AM4967 Datasheet HTML 9Page - Diodes Incorporated AM4967 Datasheet HTML 10Page - Diodes Incorporated AM4967 Datasheet HTML 11Page - Diodes Incorporated AM4967 Datasheet HTML 12Page - Diodes Incorporated AM4967 Datasheet HTML 13Page - Diodes Incorporated AM4967 Datasheet HTML 14Page - Diodes Incorporated AM4967 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
BCD Semiconductor Manufacturing Limited
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Oct. 2008 Rev. 1. 2
Data Sheet
Typical Application
Figure 13. Typical Application of AM4967 (VCC=12V)
VCC
VREF
HIN-
HIN+
VMIN
VPWM
COSC
CT
GND
OUT2B
OUT2
CS
FG/RD
Hall
AM4967
LS
220pF
0.47
µF
OUT1B
OUT1
10k
Ω~
100k
Ω
1k
Ω
100
Ω
More than
1
µF/25V
PWM In
More than
1
µF/25V
(f =30kHz)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OUT1
OUT2
Power In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com