Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4961GS Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AM4961GS
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961GS Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AM4961GS Datasheet HTML 3Page - Diodes Incorporated AM4961GS Datasheet HTML 4Page - Diodes Incorporated AM4961GS Datasheet HTML 5Page - Diodes Incorporated AM4961GS Datasheet HTML 6Page - Diodes Incorporated AM4961GS Datasheet HTML 7Page - Diodes Incorporated AM4961GS Datasheet HTML 8Page - Diodes Incorporated AM4961GS Datasheet HTML 9Page - Diodes Incorporated AM4961GS Datasheet HTML 10Page - Diodes Incorporated AM4961GS Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
7
May. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ1
Lock Off
10.2
15
18.76
mA
IQ2
Lock On
5.38
8
10.55
VREF Voltage
VREF
IREF=5mA
5.8
6
6.2
V
Output Saturation Voltage at
High Side
VSATH
ISOURCE=200mA
1.0
1.17
V
Output Saturation Voltage at
Low Side
VSATL
ISINK=200mA
0.2
0.3
V
COSC Frequency
fOSC
COSC=100pF
18
25
32
kHz
COSC High Level Voltage
VOSCH
3.45
3.6
3.75
V
COSC Low Level Voltage
VOSCL
1.83
1.95
2.07
V
Hall Input Hysteresis
VHYS
±10
±20
mV
Hall Bias Voltage
VHB
IHB=5mA
1.1
1.25
1.4
V
CT High Level Voltage
VCTH
3.55
3.7
3.88
V
CT Low Level Voltage
VCTL
1.55
1.7
1.85
V
CT Charge Current
ICHG
1.5
2
2.85
μA
CT Discharge Current
IDHG
0.14
0.2
0.285
μA
CT Charge and Discharge Ratio
RCD
ICHG/IDHG
8.5
10
14.5
FG Output Low Level Voltage
VFGL
IFG=5mA
0.2
0.3
V
FG Leakage Current
ILFG
VFG=12V
30
μA
RD Output Low Level Voltage
VRDL
IRD=5mA
0.2
0.3
V
RD Leakage Current
ILRD
VRD=12V
30
μA
(VCC=12V, TA=25oC, unless otherwise specified.)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com