Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4961GS Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AM4961GS
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961GS Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AM4961GS Datasheet HTML 4Page - Diodes Incorporated AM4961GS Datasheet HTML 5Page - Diodes Incorporated AM4961GS Datasheet HTML 6Page - Diodes Incorporated AM4961GS Datasheet HTML 7Page - Diodes Incorporated AM4961GS Datasheet HTML 8Page - Diodes Incorporated AM4961GS Datasheet HTML 9Page - Diodes Incorporated AM4961GS Datasheet HTML 10Page - Diodes Incorporated AM4961GS Datasheet HTML 11Page - Diodes Incorporated AM4961GS Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
Data Sheet
8
May. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
-50
0
50
100
150
200
0
4
8
12
16
20
V
CC=12V
Rotation Mode
T
A (
OC)
446
8810
12
12
14
16
16
18
0
4
8
12
16
20
V
CC (V)
T
A=25
OC
Rotation Mode
Figure 4.Quiescent Current vs. Ambient Temperature
Figure 5. Quiescent Current vs. Supply Voltage
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
I
OUT (mA)
V
CC=12V
Figure 6. Output Saturation Voltage (High) vs. Output Current
Figure 7. Output Saturation Voltage (Low) vs. Output Current
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
I
OUT (mA)
V
CC=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com