Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4961GS Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AM4961GS
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961GS Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AM4961GS Datasheet HTML 6Page - Diodes Incorporated AM4961GS Datasheet HTML 7Page - Diodes Incorporated AM4961GS Datasheet HTML 8Page - Diodes Incorporated AM4961GS Datasheet HTML 9Page - Diodes Incorporated AM4961GS Datasheet HTML 10Page - Diodes Incorporated AM4961GS Datasheet HTML 11Page - Diodes Incorporated AM4961GS Datasheet HTML 12Page - Diodes Incorporated AM4961GS Datasheet HTML 13Page - Diodes Incorporated AM4961GS Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
Data Sheet
10
May. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
Operating Diagram
Note 5:
1. Low Speed Setting Mode
When VPWM voltage is higher than VMIN pin voltage,
motor speed is settable by VMIN pin voltage. The mini-
mum drive duty cycle is settable by comparing COSC
oscillating voltage and VMIN pin voltage.
VPWM voltage is decided by variation of PWM duty.
2. Variable Speed Setting Mode
When VPWM voltage is lower than VMIN pin voltage,
PWM control system works by comparing VPWM voltage
and COSC voltage. If VPWM voltage is higher, the ON
duty cycle of the upper side transistors will be minimized
and motor speed becomes lower. Vice versa.
3. Full Speed Rotation Mode
At a certain PWN duty, when VPWM voltage is lower than
the low side of COSC output voltage, the motor will run at
full speed.
Figure 10. Operating Diagram of AM4961 (Note 5)
Lowest speed setting voltage
VPWM adjustable Voltage
f
OSC=25kHz (COSC=100pF)
VMIN Voltage
COSC Output
Low Speed
PWM Variable
High Speed
V
CC
0V
FG Output
V
osc
V
osc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com