Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A864PHC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A864PHC
Description  Mounting brackets required to meet UL/CSA external mounting requirements.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A864PHC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A864PHC Datasheet HTML 1Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 2Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 3Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Spec-00214 E
Polyester POLYPRO™, TYPe 4X
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
NoN-Metallic
3
aDjUstable PaNel block kit
Panel blocks slide inside POLYPRO internal rail system for
panel height adjustment within top 5 in. of enclosure. Allows for
installation of multiple panels.
Bulletin: pcRY
Catalog Number
Qty.
APNLBLK
4
Includes Allen wrench
Polyester MoUNtiNg bracket kits
Replacement POLYPRO mounting brackets are sold in sets of two
and include hardware for mounting to enclosure.
Included with standard POLYPRO models.
Bulletin: pcRY
Catalog Number
Description (in.)
Qty.
APOLYFT4
4.00
2
APOLYFT6
6.00
2
APOLYFT8
8.00
2
APOLYFT10
10.00
2
APOLYFT12
12.00
2
APOLYFT14
14.00
2
APOLYFT16
16.00
2
alUMiNUM swiNg-oUt PaNels
Includes four POLYPRO Adjustable Panel Blocks. No enclosure
modification is required for installation.
Bulletin: pcRY
Catalog Number
D x E (in.)
D x E (mm)
A64PSWPNL
5.00 x 3.62
127 x 92
A66PSWPNL
5.00 x 5.62
127 x 143
A86PSWPNL
7.00 x 5.62
178 x 143
A88PSWPNL
7.00 x 7.62
178 x 194
A108PSWPNL
9.00 x 7.62
229 x 194
A1010PSWPNL
9.00 x 9.62
229 x 244
A1210PSWPNL
11.00 x 9.62
279 x 244
A1412PSWPNL
13.00 x 11.62
330 x 295
A1614PSWPNL
15.00 x 13.62
381 x 346
A1816PSWPNL
17.00 x 15.62
432 x 397



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com