Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A864PHC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A864PHC
Description  Mounting brackets required to meet UL/CSA external mounting requirements.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A864PHC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A864PHC Datasheet HTML 1Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 2Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 3Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Spec-00214 E
Polyester POLYPRO™, TYPe 4X
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
NoN-Metallic
4
staiNless steel latcHes (PaDlockable)
Stainless Steel Latches can be retrofitted on all POLYPRO models
with no modification or drilling required. Hinge/latch constructed
of corrosion-resistant polyester with a Type 316L stainless steel
bail.
Included with standard POLYPRO models.
Bulletin: pcRY
Catalog Number
Qty.
AQRLSS6
2
HiNge retaiNers
Hinge Retainers can be field-installed without modification to
POLYPRO hinges for applications where easy cover removal is not
desired. Two retainers per enclosure is recommended. Kit includes
ten hinge retainers.
Bulletin: pcRY
Catalog Number
Description
Pkg. Qty.
AHGCLP
POLYPRO Hinge Retainers
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com