Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A864PHC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A864PHC
Description  Mounting brackets required to meet UL/CSA external mounting requirements.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A864PHC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A864PHC Datasheet HTML 1Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 2Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 3Page - List of Unclassifed Manufacturers A864PHC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Spec-00214 E
Polyester POLYPRO™, TYPe 4X
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
NoN-Metallic
1
Spec-00214
e763.422.2211
763.422.2600
NoN-Metallic
Polyester
PolyPro™, tyPe 4X
PolyPro™, tyPe 4X
TM
iNDUstry staNDarDs
Mounting brackets required to meet UL/CSA external mounting
requirements.
UL 508A Listed; Type 4, 4X, 12, 13; File No. E61997
cUL Listed per CSA C22.2 No 94; Type 4, 4X, 12, 13; File No.
E61997
Enclosure flammability evaluated per UL 508A
Window flammability evaluated per UL 508A
NEMA/EEMAC Type 4, 4X, 12, 13
CSA File No. 42186; Type 4, 4X, 12, 13 (solid covers only)
IEC 60529, IP66
aPPlicatioN
POLYPRO™ polyester enclosures perform exceptionally well
in applications where harsh chemicals, weather extremes and
corrosive environments demand toughness from a lightweight
enclosure. Providing excellent ultraviolet protection and a tight
environmental seal, these versatile, feature-rich enclosures are
also recyclable.
sPeciFicatioNs
•
Non-glass-filled polyester material offers superior UV
resistance; eliminates fiberbloom associated with fiberglass
•
Provides excellent chemical resistance to a broad range of
solvents, alkalis and acids
•
Resists cracking and provides excellent impact resistance
•
Lighter-weight than fiberglass
•
Recyclable
•
Easy, dustless in-field modifications using standard tools
•
Overlapping tongue-and-groove raised cover and gasket provide
a secure Type 4X seal
•
Removable snap-hinge cover allows for easy access to cover and
body for modifications
•
Molded layout grid on inside of body and solid covers assists with
component mounting
•
Molded-in embosses for rear panel mounting
•
Optional cover screws included with all models
•
Internal rail system and adjustable panel blocks allow for panel
height adjustment and installation of multiple panels
•
Scratch-resistant polycarbonate windows
•
Standard models include body and cover, two mounting feet,
two latch assemblies with optional cover screws and hardware
(adjustable panel blocks and panels sold separately)
FiNisH
RAL 7035 light-gray textured finish inside and out
accessories
See also Accessories.
Adjustable Panel Block Kit
Panels for Junction Boxes
HOL-SEALERSTM Non-Metallic Hole Seals
Aluminum Swing-Out Panels
Stainless Steel Latches (Padlockable)
Hinge Retainers
MoDiFicatioN aND cUstoMiZatioN
Hoffman excels at modifying and customizing products to
your specifications. Contact your local Hoffman sales office or
distributor for complete information.
Bulletin: pcR


Similar Part No. - A864PHC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
A8641063 TOSHIBA-A8641063 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
A8641063 TOSHIBA-A8641063 Datasheet
2Mb / 54P
COLOR TELEVISION N1PS Chassis
Jul., 2001
A8643112 TOSHIBA-A8643112 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
A8643112 TOSHIBA-A8643112 Datasheet
2Mb / 50P
COLOR TELEVISION N0NSP Chassis
2000
More results

Similar Description - A864PHC

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
ANX-1390 BUD-ANX-1390 Datasheet
81Kb / 1P
DIE CAST EXTERNAL MOUNTING BRACKETS
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
SLIMCAB SERIES MOUNTING BRACKETS
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
Mounting Brackets
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
Mounting Brackets
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
logo
SICK AG
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
Mounting brackets and plates
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
Mounting brackets
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
Mounting brackets
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
Mounting brackets and plates
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com