Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2021 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 2 Page - Texas Instruments

  LMP2021 Datasheet HTML 1Page - Texas Instruments LMP2021 Datasheet HTML 2Page - Texas Instruments LMP2021 Datasheet HTML 3Page - Texas Instruments LMP2021 Datasheet HTML 4Page - Texas Instruments LMP2021 Datasheet HTML 5Page - Texas Instruments LMP2021 Datasheet HTML 6Page - Texas Instruments LMP2021 Datasheet HTML 7Page - Texas Instruments LMP2021 Datasheet HTML 8Page - Texas Instruments LMP2021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
-
+
1/2
LMP2022
0.1 PF
-
+
1/2
LMP2022
0.1 PF
5.1 k:
0.1%
5.1 k:
0.1%
200:
200:
280:
VA
VA
+
-
VA
LMP2021
ADC161S626
+
VR = 1/2 VA
-
1 k:
1 k:
R3
R4
R1
R2
VA
EMI
180:
470 pF
VA = 5V
LMP2021, LMP2022
SNOSAY9D – SEPTEMBER 2008 – REVISED JULY 2009
www.ti.com
TYPICAL APPLICATION
Figure 1. Bridge Amplifier
The LMP2021/LMP2022 support systems with up to 24 bits of accuracy.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
Charge Device Model
1000V
VIN Differential
±VS
Supply Voltage (VS = V
+ – V−)
6.0V
All Other Pins
V+ + 0.3V, V−
− 0.3V
Output Short-Circuit Duration to V+ or V−(4)
5s
Storage Temperature Range
−65°C to 150°C
Junction Temperature (5)
150°C max
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temperature (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human Body Model per MIL-STD-883, Method 3015.7. Machine Model, per JESD22-A115-A. Field-Induced Charge-Device Model, per
JESD22-C101-C.
(4)
Package power dissipation should be observed.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LMP2021 LMP2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com