Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2021 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 4 Page - Texas Instruments

  LMP2021 Datasheet HTML 1Page - Texas Instruments LMP2021 Datasheet HTML 2Page - Texas Instruments LMP2021 Datasheet HTML 3Page - Texas Instruments LMP2021 Datasheet HTML 4Page - Texas Instruments LMP2021 Datasheet HTML 5Page - Texas Instruments LMP2021 Datasheet HTML 6Page - Texas Instruments LMP2021 Datasheet HTML 7Page - Texas Instruments LMP2021 Datasheet HTML 8Page - Texas Instruments LMP2021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LMP2021, LMP2022
SNOSAY9D – SEPTEMBER 2008 – REVISED JULY 2009
www.ti.com
2.5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 2.5V, V− = 0V, V
CM = V
+/2, R
L >10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOUT
Output Swing High
RL = 10 kΩ to V
+/2
38
50
70
RL = 2 kΩ to V
+/2
62
85
mV
115
from either
Output Swing Low
RL = 10 kΩ to V
+/2
30
45
rail
55
RL = 2 kΩ to V
+/2
58
75
95
IOUT
Linear Output Current
Sourcing, VOUT = 2V
30
50
mA
Sinking, VOUT = 0.5V
30
50
IS
Supply Current
Per Amplifier
0.95
1.10
mA
1.37
SR
Slew Rate (6)
AV = +1, CL = 20 pF, RL = 10 kΩ
2.5
V/
μs
VO = 2 VPP
GBW
Gain Bandwidth Product
CL = 20 pF, RL = 10 kΩ
5
MHz
GM
Gain Margin
CL = 20 pF, RL = 10 kΩ
10
dB
ΦM
Phase Margin
CL = 20 pF, RL = 10 kΩ
60
deg
CIN
Input Capacitance
Common Mode
12
pF
Differential Mode
12
en
Input-Referred Voltage Noise Density f = 0.1 kHz or 10 kHz, AV = 1000
11
nV/
√Hz
f = 0.1 kHz or 10 kHz, AV = 100
15
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
260
nVPP
0.01 Hz to 10 Hz
330
in
Input-Referred Current Noise
f = 1 kHz
350
fA/
√Hz
tr
Recovery time
to 0.1%, RL = 10 kΩ, AV = −50,
50
µs
VOUT = 1.25 VPP Step, Duration = 50 μs
CT
Cross Talk
LMP2022, f = 1 kHz
150
dB
(6)
The number specified is the average of rising and falling slew rates and is measured at 90% to 10%.
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, R
L > 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
−0.4
±5
μV
±10
TCVOS
Input Offset Voltage Drift (4)
−0.004
±0.02
μV/°C
IB
Input Bias Current
±25
±100
pA
±300
IOS
Input Offset Current
±48
±200
pA
±250
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are guaranteed by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LMP2021 LMP2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com