Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2021 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 4Page - Texas Instruments LMP2021 Datasheet HTML 5Page - Texas Instruments LMP2021 Datasheet HTML 6Page - Texas Instruments LMP2021 Datasheet HTML 7Page - Texas Instruments LMP2021 Datasheet HTML 8Page - Texas Instruments LMP2021 Datasheet HTML 9Page - Texas Instruments LMP2021 Datasheet HTML 10Page - Texas Instruments LMP2021 Datasheet HTML 11Page - Texas Instruments LMP2021 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
10
100
1k
10k
100k
FREQUENCY (Hz)
1
10
100
VS = 5V
VS = 2.5V
GAIN = 1000
2
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0.75
1
1.25
1.5
2.5
125°C
85°C
25°C
-40°C
-0.2
0.2
0.6
1
1.4
1.8
-10
-5
0
5
10
COMMON MODE VOLTAGE (V)
-40°C
25°C
85°C
125°C
VS = 2.5V
-0.2
0.6
1.4
2.2
3
4.6
COMMON MODE VOLTAGE (V)
-10
-5
0
5
10
3.8
-40°C
25°C
85°C
125°C
LMP2021, LMP2022
SNOSAY9D – SEPTEMBER 2008 – REVISED JULY 2009
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VS= V
+ – V–, V
S= 5V, VCM = VS/2.
Input Bias Current
Input Bias Current
vs.
vs.
VCM
VCM
Figure 11.
Figure 12.
Offset Voltage
Offset Voltage
vs.
vs.
VCM
VCM
Figure 13.
Figure 14.
Supply Current
Input Voltage Noise
vs.
vs.
Supply Voltage (Per Amplifier)
Frequency
Figure 15.
Figure 16.
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LMP2021 LMP2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com