Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFVC Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NFVC
Description  Surface Mount Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFVC Datasheet(HTML) 2 Page - NIC-Components Corp.

  NFVC Datasheet HTML 1Page - NIC-Components Corp. NFVC Datasheet HTML 2Page - NIC-Components Corp. NFVC Datasheet HTML 3Page - NIC-Components Corp. NFVC Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Fuse
NFVC-F Series
AVAILABLE VALUES AND RATINGS
Case Size
A
B
C
D
6125
3.0 ± 0.3
8.0 ± 0.3
3.0 ± 0.3
2.5 ± 0.3
A
B
D
C
D
Recommended Reflow Land Pattern Dimensions (mm)
Part Number
Current Rating
@ +25°C
Marking
Typical Cold
Resistance
(m
Ω)*
Opening Time
(% of Current Rating)
Melting I2T
(A2×s)
nominal**
Rated
Voltage
Interrupt Rating
100%
200%
NFVC6125F1R00TRF
1.0
1A
80
4 hrs
min.
5 sec.
max.
0.56
125VAC UL: 50A, 125VAC, 160VDC
NFVC6125F1R25TRF
1.25
1.25A
60
0.84
NFVC6125F1R60TRF
1.6
1.6A
38
1.23
NFVC6125F2R00TRF
2.0
2A
30
1.34
NFVC6125F2R50TRF
2.5
2.5A
27
1.43
NFVC6125F3R15TRF
3.15
3.15A
21
2.05
NFVC6125F4R00TRF
4.0
4A
16
3.44
NFVC6125F5R00TRF
5.0
5A
14
4.84
NFVC6125F6R30TRF
6.3
6.3A
10
10.55
NFVC6125F7R00TRF
7.0
7A
9.4
10.58
NFVC6125F8R00TRF
8.0
8A
7.4
17.62
NFVC6125F10R0TRF
10
10A
5.9
30.30
NFVC6125F12R0TRF
12
12A
4.8
4 hrs
min.
20 sec.
max.
42.22
65VAC
UL: 50A, 65VAC, 65VDC
NFVC6125F15R0TRF
15
15A
3.7
69.75
NFVC6125F20R0TRF
20
20A
3.0
132.04
* Resistance measured at < 10% rated current and +25°C
** Melting I2T at 10 times the rated current.
REFLOW SOLDERING TEMPERATURE PROFILE
200°C
300°C
260°C
50°C
150°C
100°C
0
Pre-heat 150 ~ 200°C
60 ~ 120 sec.
5 sec. max.
Peak Temperature 260°C
220°C
Time above liquidus
20 ~ 40 sec. max.
Ramp-up 3°C/sec. max.
Ramp-down 6°C/sec. max.
-50
-35
-20
-5
10
25
40
55
70
85
100 115 130
0
20
40
60
80
100
120
TEMPERATURE DERATING CURVE
Ambient Temperature (°C)
Temp (°C)
Derating Factor
-55
1.080
-40
1.065
-25
1.050
-10
1.035
0
1.025
+10
1.015
+25
1.00
+35
0.990
+45
0.980
+55
0.970
+65
0.960
+75
0.950
+85
0.940
+95
0.930
+105
0.920
+115
0.910
+125
0.900



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com