Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFVC Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NFVC
Description  Surface Mount Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFVC Datasheet(HTML) 1 Page - NIC-Components Corp.

  NFVC Datasheet HTML 1Page - NIC-Components Corp. NFVC Datasheet HTML 2Page - NIC-Components Corp. NFVC Datasheet HTML 3Page - NIC-Components Corp. NFVC Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Fuse
NFVC-F Series
FEATURES
• FAST ACTING, HIGH INRUSH WITHSTANDING
• CASE SIZE 6125 (6.1MM X 2.5MM); 2410 (0.24" x 0.10")
• 65VAC & 125VAC WITH CURRENT RATINGS UP TO 20 AMPS
• SAFETY STANDARD APPROVAL (UL File Number E358637)
• COMPATIBLE WITH FLOW AND REFLOW SOLDERING
• RoHS COMPLIANT & HALOGEN FREE
Type
Case Size Rated Current
(Amps)
Rated Voltage
(VAC)
Temperature
Range
Case Dimensions
LW
H
P
NFVC
6125
1.0 ~ 20*
65V & 125V
-55°C ~ +125°C 6.1 ± 0.20
2.5 ± 0.1
2.5 ± 0.1
1.4 ± 0.1
SPECIFICATIONS
*See Part Number System for Details
ePart NumberSystem for Details
RoHS
Compliant
includes all homogeneous materials*
Au Plated
Brass End Cap
Fuse element
(Silver Plate or Copper Alloy Wire)
Ceramic
Body
NFVC 6125
1R25 TR F
RoHS Compliant*
TR = Tape & Reel
Current Rating: 8R00 = 8Amps
F = Fast Acting
Case Size Code
Series
PART NUMBERING SYSTEM
F
Agency
File Number
Ampere Range
UL
E358637
1.0 ~ 20
SAFETY AGENCY CERTIFICATION
P
L
W
NFV
1.25A
P
(Top View)
H
(Side View)
*Exemption 7a - Lead in high melting temperature solder (lead
based alloy with 85% by weight or more lead)
UL Certification: JDYX2.E358637
UL Certification Canada: JDYX8.E358637
Fuses, Supplemental Certified Components
These fuses provide supplemental protection in end-use equipment to provide protection for components or internal circuits. They are not suitable
for branch or feeder circuit use
*For current ratings below 1A contact NIC


Similar Part No. - NFVC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
Surface Mount Fuse
NFVC-S NIC-NFVC-S Datasheet
225Kb / 4P
Surface Mount Fuse
NFVC6125H1R00TRF NIC-NFVC6125H1R00TRF Datasheet
102Kb / 4P
Surface Mount Fuse
NFVC6125H1R25TRF NIC-NFVC6125H1R25TRF Datasheet
102Kb / 4P
Surface Mount Fuse
NFVC6125H1R50TRF NIC-NFVC6125H1R50TRF Datasheet
102Kb / 4P
Surface Mount Fuse
More results

Similar Description - NFVC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0242.050HAT1 LITTELFUSE-0242.050HAT1 Datasheet
488Kb / 1P
BARRIER FUSE SURFACE MOUNT
logo
Schurter Inc.
0001.2704.11 SCHURTER-0001.2704.11 Datasheet
458Kb / 3P
Surface Mount Fuse
0001.2706.11 SCHURTER-0001.2706.11 Datasheet
457Kb / 3P
Surface Mount Fuse
logo
NIC-Components Corp.
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
Surface Mount Fuse
NFSC NIC-NFSC Datasheet
95Kb / 3P
Surface Mount Fuse
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
Surface Mount Fuse
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
Surface Mount Fuse
logo
NIC-Components Corp.
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
Surface Mount Fuse
NFVC-S NIC-NFVC-S Datasheet
225Kb / 4P
Surface Mount Fuse
logo
Schurter Inc.
FUSEKITUMT-H SCHURTER-FUSEKITUMT-H Datasheet
165Kb / 2P
Fuse Kit Surface Mount Fuse UMT-H
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com