Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFVC Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NFVC
Description  Surface Mount Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFVC Datasheet(HTML) 3 Page - NIC-Components Corp.

  NFVC Datasheet HTML 1Page - NIC-Components Corp. NFVC Datasheet HTML 2Page - NIC-Components Corp. NFVC Datasheet HTML 3Page - NIC-Components Corp. NFVC Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Fuse
NFVC-F Series
Item
Test Conditions/Method
Performance
Standard
Time/Current
100% In
No fusing; 4 hours minimum
UL248-14
200% In
1 ~ 10A <5 seconds
12 ~ 20A < 20 seconds
Refer to ???? File
1000% In
1mS ~ 10mS
IEC-60127-4
Voltage Drop
100% of rated current
1 ~ 6.3A <300mV
7 ~ 10A <220mV
12 ~ 20A < 150mV
IEC-60127-4
Endurance Test
100 cycles at 100% of rated current for 1
hour, off for 15 minutes followed by
125% of rated current for 1 hour
|
ΔR| < 10%
1 ~ 6.3A
ΔT < 75°C
7 ~ 10A
ΔT < 95°C
IEC-60127-4
100% of rated current for 4 hours
|
ΔR| < 10%
12 ~ 20A
ΔT <105°C
UL248-14
Interrupting Ability
1A ~ 10A Parts: 50A@125VAC/160VDC
12A ~ 20A Parts: 50A@65VAC & VDC
Without permanent arcing, ignition
and bursting of fuse link
UL248-14
IEC-60127-4
Solderability
240°C ±5°C, 3 seconds ±0.5s
95% coverage minimum
IEC-60127-4
IEC-60068-2-20
Mil-Std-202
Resistance to Soldering Heat
260°C ±5°C, 10 seconds ±0.5s
|
ΔR|: <10%
Mil-Std-202
Method 210
High Temperature Operating Life
T = 70°C ±2°C, 0.6 In, 96 hours
|
ΔR|: <10%
Mil-Std-202
Method 108
Humidity (Steady State)
T = 40°C ±2°C, 90 ~ 95% RH, 1000 hours
|
ΔR|: <10%
Mil-Std-202
Method 103
Low Temperature Storage
T = -55°C ±3°C, 96 hours
|
ΔR|: <10%
IEC-60068-2-1
High Temperature Storage
T = 125°C ±2°C, 96 hours
|
ΔR|: <10%
IEC-60068-2-2
Salt Spray
5% salt solution, 48 hours
|
ΔR|: <10%
Mil-Std-202
Method 101
Thermal Shock
5 cycles between -55°C/+125°C,
60 minutes; each extreme
|
ΔR|: <10%
IEC 60068-2-14
RELIABILITY TEST
Type
A
B
W
F
E
P
1
P
2
φDT
1
K
o
NFVC6125F 2.70 ±0.10 6.40 ±0.10 12.0 ±0.15 5.50 ±0.10 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10
1.50 min.
0.25 ±0.05 2.70 ±0.10
EMBOSSED PLASTIC CARRIER DIMENSIONS (mm)
t
1.75 ±0.1
W
1.5 +0.1
-0
4.0 ±0.1
P
2
F
A
D
o
B
K
o
P
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com