Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTAM322TC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTAM322TC
Description  15V NPN LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTAM322TC Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTAM322TC Datasheet HTML 1Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 2Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 3Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 4Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 5Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZXTAM322
ISSUE 2 - JUNE 2002
3
TYPICAL CHARACTERISTICS
0.1
1
10
0.01
0.1
1
10
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
0.1
1
10
100
0
25
50
75
100
125
150
175
200
225
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
100us
100ms
1s
V
CE(SAT)
Limited
1ms
Safe Operating Area
Single Pulse, T
amb
=25°C
DC
10ms
V
CE Collector-Emitter Voltage (V)
1oz Cu
Note: a
2oz Cu
Note: e
Derating Curve
T
amb
=25°C
Temperature (°C)
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
Thermal Resistance v Board Area
1oz copper
2oz copper
BoardCuArea (sqcm)
1oz copper
2oz copper
Power Dissipation v Board Area
T
amb
=25°C
T
jmax
=150°C
Continuous
BoardCuArea (sqcm)
OBSOLETE - PLEASE USE ZXTN617MA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com