Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTAM322TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTAM322TC
Description  15V NPN LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTAM322TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTAM322TC Datasheet HTML 1Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 2Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 3Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 4Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 5Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUMMARY
VCEO= 15V; RSAT = 45m ;IC= 4.5A
DESCRIPTION
Packaged in the innovative 2mm x 2mm MLP (Micro Leaded Package) outline,
this new 4
th generation low saturation transistor offers extremely low on state
losses making it ideal for use in DC-DC circuits and various driving and power
management functions.
Additionally users will also gain several other key benefits:
Performance capability equivalent to much larger packages
Improved circuit efficiency & power levels
Lower package height (nom. 0.9mm)
PCB area and device placement savings
Reduced component count
FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (100mVmax @1A)
• h
FE specified up to 12A
• I
C= 4.5A Continuous Collector Current
• 2mm x 2mm MLP
APPLICATIONS
• DC - DC Converters (FET Drivers)
• Charging Circuits
• Power switches
• Motor control
DEVICE MARKING
SA
ZXTAM322
ISSUE 2 - JUNE 2002
1
MPPS™ Miniature Package Power Solutions
15V NPN LOW SATURATION TRANSISTOR
2mm x 2mm Single MLP
underside view
PINOUT
2mm x 2mm MLP
(single die)
DEVICE
REEL
TAPE
WIDTH
QUANTITY
PER REEL
ZXTAM322TA
7’‘
8mm
3000 units
ZXTAM322TC
13’‘
8mm
10000 units
ORDERING INFORMATION
OBSOLETE - PLEASE USE ZXTN617MA


Similar Part No. - ZXTAM322TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTAM322TC ZETEX-ZXTAM322TC Datasheet
180Kb / 6P
MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTAM322TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N15DE6 ZETEX-ZXT10N15DE6 Datasheet
229Kb / 6P
15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT11N15DF ZETEX-ZXT11N15DF Datasheet
412Kb / 6P
15V NPN SILICON LOW SATURATION TRANSISTOR
ZXT13N15DE6 ZETEX-ZXT13N15DE6 Datasheet
429Kb / 6P
15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10N15DE6 DIODES-ZXT10N15DE6 Datasheet
242Kb / 6P
15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT11N15DF DIODES-ZXT11N15DF Datasheet
422Kb / 6P
15V NPN SILICON LOW SATURATION TRANSISTOR
DECEMBER 1999
ZXT13N15DE6 DIODES-ZXT13N15DE6 Datasheet
440Kb / 6P
15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 4
FMMT617TC DIODES-FMMT617TC Datasheet
951Kb / 7P
15V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 4
ZXTDAM832 DIODES-ZXTDAM832 Datasheet
439Kb / 6P
DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com