Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTAM322TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTAM322TC
Description  15V NPN LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTAM322TC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTAM322TC Datasheet HTML 1Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 2Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 3Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 4Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 5Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTAM322
ISSUE 2 - JUNE 2002
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
40
70
V
IC=100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
15
18
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
7.5
8.2
V
IE=100 A
Collector Cut-Off Current
ICBO
25
nA
VCB=32V
Emitter Cut-Off Current
IEBO
25
nA
VEB=6V
Collector Emitter Cut-Off Current
ICES
25
nA
VCES=12V
Collector-Emitter Saturation
Voltage
VCE(sat)
8
70
165
240
200
14
100
200
280
mV
mV
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=3A, IB=50mA*
IC=4.5A, IB=50mA*
IC=4.5A, IB=100mA*
Base-Emitter Saturation Voltage
VBE(sat)
0.94
1.0
V
IC=4.5A, IB=50mA*
Base-Emitter Turn-On Voltage
VBE(on)
0.88
0.95
V
IC=4.5A, VCE=2V*
Static Forward Current Transfer
Ratio
hFE
200
300
200
150
415
450
320
240
80
IC=10mA, VCE=2V*
IC=0.2A, VCE=2V*
IC=3A, VCE=2V*
IC=5A, VCE=2V*
IC=12A, VCE=2V*
Transition Frequency
fT
80
120
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
30
40
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
120
ns
VCC=10V, IC=1A
IB1=IB2=10mA
Turn-Off Time
t(off)
160
ns
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
OBSOLETE - PLEASE USE ZXTN617MA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com