Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT14P12DX Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXT14P12DX
Description  12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT14P12DX Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXT14P12DX Datasheet HTML 1Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 2Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 3Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 4Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 5Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ISSUE 1 - MARCH 2000
ZXT14P12DX
PACKAGE DIMENSIONS
PAD LAYOUT DETAILS
6
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
© Zetex plc 2000
Telefon: (49) 89 45 49 49 0
Telephone: (631) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (631) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for
any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves
the right to alter without notice the specification, design, price or conditions of supply of any product or service.
D
eX 6
L
C
1
23
4
5
6
7
8
θ°
B
Conforms to JEDEC MO-187 Iss A
DIM
Millimetres
Inches
MIN
MAX
MIN
MAX
A
1.10
0.043
A1
0.05
0.15
0.002
0.006
B
0.25
0.40
0.010
0.016
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
e
0.65
BSC
0.0256
BSC
E
2.90
3.10
0.114
0.122
H
4.90
BSC
0.193
BSC
L
0.40
0.70
0.016
0.028
q°
0°
6°
0°
6°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com