Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT14P12DX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXT14P12DX
Description  12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT14P12DX Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXT14P12DX Datasheet HTML 1Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 2Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 3Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 4Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 5Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISSUE 1 - MARCH 2000
ZXT14P12DX
SuperSOT4™
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SUMMARY
V
CEO=-12V; RSAT = 16m
;I
C= -6A
DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex
matrix structure combined with advanced assembly techniques to give
extremely low on state losses. This makes it ideal for high efficiency, low
voltage switching applications.
FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• h
FE characterised up to 20A
• I
C=6A Continuous Collector Current
• MSOP8 package
APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
ZXT14P12DXTA
7
12mm embossed
1000 units
ZXT14P12DXTC
13
12mm embossed
4000 units
DEVICE MARKING
T14P12DX
Top View
1
MSOP8
C
E
B
E
E
E
B
C
C
C
C


Similar Part No. - ZXT14P12DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT14P12DX ZETEX-ZXT14P12DX Datasheet
261Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DXTA ZETEX-ZXT14P12DXTA Datasheet
261Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DXTC ZETEX-ZXT14P12DXTC Datasheet
261Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT14P12DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P12DE6 ZETEX-ZXT10P12DE6 Datasheet
232Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P12DX ZETEX-ZXT12P12DX Datasheet
258Kb / 6P
DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 ZETEX-ZXT13P12DE6 Datasheet
413Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX ZETEX-ZXT14P12DX Datasheet
261Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT1M322 ZETEX-ZXT1M322 Datasheet
188Kb / 6P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P12DE6 DIODES-ZXT10P12DE6 Datasheet
245Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT12P12DX DIODES-ZXT12P12DX Datasheet
269Kb / 6P
DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTP717MA DIODES-ZXTP717MA Datasheet
164Kb / 7P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com