Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT14P12DX Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXT14P12DX
Description  12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT14P12DX Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXT14P12DX Datasheet HTML 1Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 2Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 3Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 4Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 5Page - Diodes Incorporated ZXT14P12DX Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ISSUE 1 - MARCH 2000
ZXT14P12DX
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
113
°C/W
Junction to Ambient (b)
RθJA
70
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 10secs
(c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal
Impedance graph.
2
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-12
V
Emitter-Base Voltage
VEBO
-7.5
V
Peak Pulse Current
ICM
-40
A
Continuous Collector Current
IC
-6
A
Base Current
IB
-500
mA
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
1.1
8.8
W
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
1.8
14.4
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com