Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HX-R-BNC Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # HX-R-BNC
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX-R-BNC Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button HX-R-BNC Datasheet HTML 10Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 11Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 12Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 13Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 14Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 15Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 16Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 17Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
21
www.neutrik.com
T echnical
Data
Or dering
Information
NC*FXX
NC*MXX
Nickel
Silver
NC*FXX-B
NC*MXX-B
Black Cr
Gold
NC*FXX-BAG
NC*MXX-BAG
Black Cr
Silver
NC3FXX-**-D1
NC3MXX-**-D1
Nickel / Black Cr
Silver / Gold
-
-
-
-
NC6FSXX2
NC6MSXX2
Nickel
Silver
-
-
-
-
NC6FSXX-B2
NC6MSXX-B2
Black Cr
Gold
-
-
-
-
NC6FSXX-BAG2
NC6MSXX-BAG2
Black Cr
Silver
-
-
-
-
NC3FXX-EMC
NC3MXX-EMC
Nickel
Gold
-
-
-
-
NC3FXX-EMC-B
-
Black Cr
Gold
-
-
-
-
Female
Male
Shell
Contact - plating
3 pole
4 pole
5 pole
6 pole
7 pole
XX Series
XX-EMC Series
NC*FRX
NC*MRX
Nickel
Silver
NC*FRX-B
NC*MRX-B
Black Cr
Gold
NC*FRX-BAG
NC*MRX-BAG
Black Cr
Silver
RX Series
NC3FXX-HE
NC3MXX-HE
Velour Chromium
Gold
-
-
-
-
XX-HE Series
NC3FXX-14-D
NC3MXX-14-D
Nickel
Silver
-
-
-
-
NC3FXX-14-B-D
NC3MXX-14-B-D
Black Cr
Gold
-
-
-
-
NC3FXX-14-BAG-D
NC3MXX-14-BAG-D Black Cr
Silver
-
-
-
-
XX-14 Series
NC3FXX-HA
NC3MXX-HA
Nickel
Silver
-
-
-
-
NC3FXX-HA-BAG
NC3MXX-HA-BAG
Black Cr
Silver
-
-
-
-
XX Crimp Series
NC3FM-C
Nickel
Gold
-
-
-
-
NC3FM-C-B
Black Cr
Gold
-
-
-
-
NC3FXX-B-CRYSTAL
NC3MXX-B-CRYSTAL Black Cr
Gold
-
-
-
-
convertCON Series
Crystal XLR
Accessories and Assembly T ools
Detailed information on page 31 and 36.
*
: Number of Contacts
** : Nickel or Black
–D1 : Bulk packed, to be ordered in multiples of 100 pcs.
2
: Switchcraft equivalent
Or dering Information for Cable Connectors
NC3FXX-HD-D
NC3MXX-HD-D
Nickel
Gold
-
-
-
-
NC3FXX-HD-B-D
NC3MXX-HD-B-D
Metal Black
Gold
-
-
-
-
XX-HD Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com