Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI35LSR68MTRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NPI35LSR68MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LSR68MTRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NPI35LSR68MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Unshielded Power Inductors
NPI__LS Series
Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change.
Series
Standard Values - Case Size 41 (4.0 x 4.0 x 1.4mm)
Inductance
(
μH)
Tolerance
Test Conditions
DCR
(
Ω)
Isat
(Amps)
Irms
(Amps)
SRF
(MHz)
NPI41LSR68MTRF
0.68
±20%
100KHz, 1V
0.053
4.56
1.63
140
NPI41LS1R0MTRF
1.0
±20%
100KHz, 1V
0.067
3.74
1.45
140
NPI41LS1R5MTRF
1.5
±20%
100KHz, 1V
0.081
3.16
1.32
110
NPI41LS1R8MTRF
1.8
±20%
100KHz, 1V
0.097
2.85
1.2
100
NPI41LS2R7MTRF
2.7
±20%
100KHz, 1V
0.113
2.56
1.12
86
NPI41LS3R3MTRF
3.3
±20%
100KHz, 1V
0.129
2.32
1.04
79
NPI41LS3R6MTRF
3.6
±20%
100KHz, 1V
0.147
2.18
0.98
68
NPI41LS4R7MTRF
4.7
±20%
100KHz, 1V
0.164
1.98
0.92
63
NPI41LS5R1MTRF
5.1
±20%
100KHz, 1V
0.182
1.82
0.88
57
NPI41LS6R8MTRF
6.8
±20%
100KHz, 1V
0.269
1.6
0.72
49
NPI41LS7R5MTRF
7.5
±20%
100KHz, 1V
0.289
1.49
0.7
46
NPI41LS8R2MTRF
8.2
±20%
100KHz, 1V
0.313
1.4
0.67
42
NPI41LS9R1MTRF
9.1
±20%
100KHz, 1V
0.339
1.36
0.64
41
NPI41LS100MTRF
10
±20%
100KHz, 1V
0.367
1.31
0.62
39
NPI41LS120MTRF
12
±20%
100KHz, 1V
0.394
1.23
0.6
35
NPI41LS150MTRF
15
±20%
100KHz, 1V
0.502
1.09
0.53
31
NPI41LS180MTRF
18
±20%
100KHz, 1V
0.587
1.0
0.49
28
NPI41LS220MTRF
22
±20%
100KHz, 1V
0.791
0.89
0.42
26
NPI41LS270MTRF
27
±20%
100KHz, 1V
0.905
0.82
0.39
22
NPI41LS330MTRF
33
±20%
100KHz, 1V
1.196
0.71
0.34
20
NPI41LS360MTRF
36
±20%
100KHz, 1V
1.246
0.68
0.34
19
NPI41LS390MTRF
39
±20%
100KHz, 1V
1.341
0.65
0.32
17
NPI41LS430MTRF
43
±20%
100KHz, 1V
1.451
0.63
0.31
18
NPI41LS470MTRF
47
±20%
100KHz, 1V
1.558
0.61
0.3
16
NPI41LS510MTRF
51
±20%
100KHz, 1V
1.664
0.58
0.29
15
NPI41LS620MTRF
62
±20%
100KHz, 1V
2.223
0.51
0.25
14
NPI41LS680MTRF
68
±20%
100KHz, 1V
2.37
0.49
0.24
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com