Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI35LSR68MTRF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPI35LSR68MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LSR68MTRF Datasheet(HTML) 7 Page - NIC-Components Corp.

Back Button NPI35LSR68MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 9Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 10Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Unshielded Power Inductors
NPI__LS Series
Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change.
Series
Standard Values - Case Size 43 (4.0 x 4.0 x 3.0mm)
Inductance
(
μH)
Tolerance
Test Conditions
DCR
(
Ω)
Isat
(Amps)
Irms
(Amps)
SRF
(MHz)
NPI43LSR91MTRF
0.91
±20%
100KHz, 1V
0.015
7.8
3.65
98
NPI43LS1R2MTRF
1.2
±20%
100KHz, 1V
0.02
6.83
3.18
77
NPI43LS1R5MTRF
1.5
±20%
100KHz, 1V
0.023
6.13
2.97
73
NPI43LS1R8MTRF
1.8
±20%
100KHz, 1V
0.027
5.62
2.75
63
NPI43LS2R2MTRF
2.2
±20%
100KHz, 1V
0.03
5.03
2.63
56
NPI43LS2R7MTRF
2.7
±20%
100KHz, 1V
0.039
4.6
2.29
52
NPI43LS3R3MTRF
3.3
±20%
100KHz, 1V
0.053
4.16
1.97
44
NPI43LS3R9MTRF
3.9
±20%
100KHz, 1V
0.058
3.91
1.88
41
NPI43LS4R7MTRF
4.7
±20%
100KHz, 1V
0.063
3.64
1.81
38
NPI43LS5R1MTRF
5.1
±20%
100KHz, 1V
0.068
3.47
1.74
36
NPI43LS5R6MTRF
5.6
±20%
100KHz, 1V
0.085
3.16
1.55
30
NPI43LS6R2MTRF
6.2
±20%
100KHz, 1V
0.091
3.04
1.51
30
NPI43LS6R8MTRF
6.8
±20%
100KHz, 1V
0.098
2.89
1.45
28
NPI43LS8R2MTRF
8.2
±20%
100KHz, 1V
0.119
2.68
1.32
25
NPI43LS100MTRF
10
±20%
100KHz, 1V
0.134
2.48
1.24
24
NPI43LS120MTRF
12
±20%
100KHz, 1V
0.162
2.2
1.13
20
NPI43LS150MTRF
15
±20%
100KHz, 1V
0.206
1.99
1.0
17
NPI43LS180MTRF
18
±20%
100KHz, 1V
0.241
1.82
0.92
18
NPI43LS220MTRF
22
±20%
100KHz, 1V
0.292
1.56
0.84
15
NPI43LS270MTRF
27
±20%
100KHz, 1V
0.332
1.55
0.79
13
NPI43LS330MTRF
33
±20%
100KHz, 1V
0.431
1.35
0.69
12
NPI43LS390MTRF
39
±20%
100KHz, 1V
0.497
1.23
0.64
12
NPI43LS470MTRF
47
±20%
100KHz, 1V
0.594
1.12
0.59
11
NPI43LS560MTRF
56
±20%
100KHz, 1V
1.013
0.96
0.45
8.8
NPI43LS680MTRF
68
±20%
100KHz, 1V
1.048
0.92
0.44
8.6
NPI43LS750MTRF
75
±20%
100KHz, 1V
1.108
0.9
0.43
8.5
NPI43LS820MTRF
82
±20%
100KHz, 1V
1.187
0.87
0.42
8.2
NPI43LS910MTRF
91
±20%
100KHz, 1V
1.299
0.81
0.4
7.4
NPI43LS101MTRF
100
±20%
100KHz, 1V
1.327
0.8
0.39
7.6
NPI43LS331MTRF
330
±20%
100KHz, 1V
4.072
0.42
0.22
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com