Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI35LSR68MTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPI35LSR68MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LSR68MTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPI35LSR68MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LSR68MTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Case Size
NPI31LS
NPI32LS
NPI35LS
NPI41LS
NPI42LS
Inductance Range
1.2 ~ 47
μH
0.75 ~ 82
μH
0.68 ~ 47
μH
0.68 ~ 68
μH
1.2 ~ 82
μH
Operating Temperature Range
-25°C ~ +120°C (Including Self-Heating)
Temperatrue Rise at Irms
+40°C
Inductance Change at Isat
Maximum -30% Indcutance Drop From Initial Measured Value
Inductance Tolerance
±20%
Resistance to Solder Heat
+260°C for 10 seconds
NPI Unshielded Power Inductors
FEATURES
• NON-SHIELDED MAGNETIC CIRCUIT DESIGN
• SMALL SIZE WITH CURRENT RATINGS TO 16.5 AMPS
• SURFACE MOUNTABLE CONSTRUCTION
• TAKES UP LESS PCB REAL ESTATE AND SAVES MORE POWER
• TAPED AND REELED FOR AUTOMATIC INSERTION
• FOR USE IN VARIOUS POWER SUPPLY APPLICATIONS
NPI__LS Series
Case Size
NPI43LS
NPI63LS
NPI65LS
NPI84LS
Inductance Range
0.91 ~ 330
μH
1.2 ~ 82
μH
1.0 ~ 270
μH
0.75 ~ 82
μH
Ambient Operating Temperature Range
-25°C ~ +120°C (Including Self-Heating)
Temperatrue Rise at Irms
+40°C
Inductance Change at Isat
Maximum -30% Indcutance Drop From Initial Measured Value
Inductance Tolerance
±20%
Resistance to Solder Heat
+260°C for 10 seconds
Series
A ± 0.3
B ± 0.3
C max.
D ± 0.3
F ± 0.3
H
I
G
NPI31LS
3.0
3.0
1.2
0.75
1.5
2.7
0.8
2.3
NPI32LS
3.0
3.0
1.4
0.75
1.5
2.7
0.8
2.3
NPI35LS
3.0
3.0
1.7
0.75
1.5
2.7
0.8
2.3
NPI41LS
4.0
4.0
1.4
0.95
2.1
3.7
1.1
3.0
NPI42LS
4.0
4.0
2.2
0.95
2.1
3.7
1.1
3.0
NPI43LS
4.0
4.0
3.0
0.95
2.1
3.7
1.1
3.0
NPI63LS
6.0
6.0
2.8
1.55
2.9
5.7
1.6
4.6
NPI65LS
6.0
6.0
4.5
1.55
2.9
5.7
1.6
4.6
NPI84LS
8.0
8.0
4.2
2.0
4.0
7.5
2.2
6.0
NPIS 31 LS 470 M TR F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (
μH): 1st two digits are significant,
3rd digit is multiplier.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
A
B
CF
DD
I
I
H
G
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NPI35LSR68MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI35LS NIC-NPI35LS Datasheet
116Kb / 11P
NPI Unshielded Power Inductors
More results

Similar Description - NPI35LSR68MTRF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
logo
NIC-Components Corp.
NPI-C NIC-NPI-C Datasheet
241Kb / 9P
NPI Power Inductors
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
NPI Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
NPI Power Inductors
NPI-W NIC-NPI-W Datasheet
92Kb / 4P
NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
NPI Unshielded Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
NPI Power Inductors
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
NPI Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com