Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST183C Datasheet(PDF) 6 Page - International Rectifier

Part # ST183C
Description  INVERTER GRADE THYRISTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST183C Datasheet(HTML) 6 Page - International Rectifier

Back Button ST183C Datasheet HTML 2Page - International Rectifier ST183C Datasheet HTML 3Page - International Rectifier ST183C Datasheet HTML 4Page - International Rectifier ST183C Datasheet HTML 5Page - International Rectifier ST183C Datasheet HTML 6Page - International Rectifier ST183C Datasheet HTML 7Page - International Rectifier ST183C Datasheet HTML 8Page - International Rectifier ST183C Datasheet HTML 9Page - International Rectifier ST183C Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ST183C..C Series
Bulletin I25178 rev. B 04/00
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-state Power Loss Characteristics
Fig. 6 - On-state Power Loss Characteristics
Fig. 7 - Maximum Non-repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-repetitive Surge Current
Single and Double Side Cooled
20
30
40
50
60
70
80
90
100
110
120
130
0
1 00
20 0
300
40 0
50 0
6 00
7 00
DC
30 °
60 °
90 °
120 °
180 °
A v era g e O n -st a t e C u rre n t ( A )
Co n d uc tion Pe rio d
S T 183C ..C Se ries
(D o u b le S id e C o o le d )
R
( D C ) = 0 .0 8 K / W
th J -hs
30
40
50
60
70
80
90
100
110
120
130
0
5 0 100 15 0 200 25 0 3 00 35 0 400 4 50
30 °
60 °
90 °
120 °
180 °
A v era g e O n -st a t e C u rre n t ( A )
Co nd uc tion A ng le
ST 18 3C ..C S e ries
( D ou b le Sid e C o oled )
R
( D C ) = 0 .0 8 K / W
thJ -hs
0
20 0
40 0
60 0
80 0
1000
1200
1400
0
100
200
300
400
500
600
700
DC
180 °
120 °
90°
60°
30°
RM S Lim it
Co n d u ctio n Pe riod
Averag e On -state Curren t (A)
ST18 3C..C Series
T = 125°C
J
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
90 0
100 0
0
50 10 0 1 50 20 0 250 30 0 3 50 4 00 4 50
18 0 °
12 0 °
90 °
60 °
30 °
RM S L im it
Co nd uc tio n A ng le
A v e ra g e O n -st a te C u rre n t ( A )
S T 183C ..C Se ries
T = 1 2 5 °C
J
2000
2500
3000
3500
4000
4500
11 0
1 00
N um b er O f E q ua l A m p litud e H a lf C y cle C urrent Pulses (N )
In itial T = 125 °C
@ 6 0 Hz 0.0083 s
@ 5 0 Hz 0.0100 s
J
ST183 C..C Series
At An y Rated L oad Con dition And W ith
Rated V
Applied Followin g Surge.
RRM
2000
2500
3000
3500
4000
4500
5000
0.01
0.1
1
P u lse T ra in D u ra tio n ( s)
V e rsu s P ulse T ra in D u ra t io n . C o n t ro l
O f C o n d u c tio n M a y No t B e M a in ta in e d .
In it ia l T = 1 2 5 ° C
N o V o lta g e Re a p p lie d
Ra t e d V
R e a p p lie d
RRM
J
ST 1 83C ..C S e rie s
M a x im u m N o n R e p e t it iv e S urg e C u rre n t
Document Number: 93668
www.vishay.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com