Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST183C Datasheet(PDF) 8 Page - International Rectifier

Part # ST183C
Description  INVERTER GRADE THYRISTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST183C Datasheet(HTML) 8 Page - International Rectifier

Back Button ST183C Datasheet HTML 2Page - International Rectifier ST183C Datasheet HTML 3Page - International Rectifier ST183C Datasheet HTML 4Page - International Rectifier ST183C Datasheet HTML 5Page - International Rectifier ST183C Datasheet HTML 6Page - International Rectifier ST183C Datasheet HTML 7Page - International Rectifier ST183C Datasheet HTML 8Page - International Rectifier ST183C Datasheet HTML 9Page - International Rectifier ST183C Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ST183C..C Series
Bulletin I25178 rev. B 04/00
Fig. 14 - Frequency Characteristics
Fig. 15 - Frequency Characteristics
Fig. 16 - Maximum On-state Energy Power Loss Characteristics
1E 1
1E 2
1E 3
1E 4
1E 1
1 E 2
1E 3
1 E 4
50 H z
400
2500
10 0
1000
1500
3000
200
500
P u lse B ase w id t h (µ s)
Snub b e r c irc uit
R
= 4 7 o hm s
C
= 0 .22 µF
V
= 8 0% V
s
s
D
DR M
ST18 3C ..C Se rie s
Tra p e zoid a l p ulse
T
= 4 0°C
d i/d t = 100A/µs
C
5000
tp
10 00 0
1E 4
1E 2
1E 3
1E 4
1E 1
1E 2
1E 3
1 E 4
50 H z
40 0
2 500
100
10 00
1500
3000
200
50 0
P u lse B a se w id th ( µs)
ST18 3C ..C Se rie s
Tra p ezo id a l p ulse
T
= 40°C
di/d t = 5 0A/µs
C
Snub b er c irc uit
R
= 47 o hm s
C
= 0 .22 µF
V
= 8 0% V
s
s
D
DRM
5000
tp
1E 4
1E 1
1E 2
1E 3
1E 4
50 H z
40 0
2500
10 0
Pu lse B ase w id th ( µs)
1 000
15 00
200
50 0
ST183 C.. C Serie s
Tra p ezo id a l p ulse
T
= 55 °C
d i/d t = 10 0A/µs
C
3000
Snub b er circuit
R
= 47 o hm s
C
= 0 .22 µF
V
= 8 0% V
s
s
D
DRM
tp
50 00
10 00 0
1E 1
1E 1
1 E 2
1E 3
1 E 4
50 H z
40 0
2500
100
P u lse Ba se w id th ( µs)
10 00
1500
200
500
ST183C..C Series
Tra p e zoid a l p uls e
T
= 55 °C
d i/d t = 50A /µs
C
Snu bbe r c ircuit
R
= 47 ohm s
C
= 0 .22 µF
V
= 80 % V
s
s
D
DRM
3 000
tp
5000
1E 1
1E 1
1E 2
1E 3
1 E 4
Pu lse B ase w id t h ( µ s)
20 jo ules pe r puls e
2
1
0.5
0.3
0. 2
0.1
10
4
ST18 3C. .C Se ries
Re cta n gula r p ulse
di/dt = 5 0A/µs
tp
1E 1
1E 1
1E 2
1E 3
1E 4
1E 5
1E 1
1E 2
1 E 3
1E 4
P ulse Ba se w id th ( µs)
20 jo ules pe r puls e
2
1
0. 5
0.3
0. 2
0.1
10
ST1 83C ..C Serie s
Sinus oid a l p uls e
4
tp
1E 4
Document Number: 93668
www.vishay.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com