Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST183C Datasheet(PDF) 9 Page - International Rectifier

Part # ST183C
Description  INVERTER GRADE THYRISTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST183C Datasheet(HTML) 9 Page - International Rectifier

Back Button ST183C Datasheet HTML 2Page - International Rectifier ST183C Datasheet HTML 3Page - International Rectifier ST183C Datasheet HTML 4Page - International Rectifier ST183C Datasheet HTML 5Page - International Rectifier ST183C Datasheet HTML 6Page - International Rectifier ST183C Datasheet HTML 7Page - International Rectifier ST183C Datasheet HTML 8Page - International Rectifier ST183C Datasheet HTML 9Page - International Rectifier ST183C Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ST183C..C Series
Bulletin I25178 rev. B 04/00
Fig. 17 - Gate Characteristics
0. 1
1
10
10 0
0 .0 0 1
0 .0 1
0 .1
1
1 0
1 0 0
VG D
IG D
(b )
(a )
(1 )
(2 )
In st a n t a n e o u s G a t e C u rre n t ( A )
Re c ta n g ula r g a t e p ulse
a) R e c o m m e n de d lo ad lin e f o r
b ) R e c o m m e n d e d lo a d lin e fo r
< = 30% ra t e d di/ dt : 10V , 10oh m s
rat e d d i/d t : 2 0 V , 1 0 o h m s; tr <= 1 µs
tr< = 1 µ s
( 1) PG M = 10 W , tp = 20m s
( 2) PG M = 20 W , tp = 10m s
(3 ) PG M = 4 0 W , tp = 5 m s
( 4) PG M = 60 W , tp = 3. 3m s
(3 )
D e vic e : ST 183C . .C S e ries F re q u e n c y L im ite d b y PG (A V )
(4 )
Document Number: 93668
www.vishay.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com