Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP431 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP431
Description  Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP431 Datasheet HTML 1Page - Diodes Incorporated AP431 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diodes.com
Announcement
New Product
ZXRE250/2
Issue Number │001
May 2011
The Diodes advantage
Circuit functions
§
Isolated power supplies
§
Linear regulators
§
Variable zener
The ZXRE250/2 are three
terminal adjustable shunt
regulators offering excellent
temperature stability and
output current handling
capability up to 100mA.
These devices feature a very
low cathode current for
regulation, typically 40μA.
They provide a low power
enhancement to industry
standard ‘431 parts. Available
as standard A grade (1%
tolerance) and B grade (0.5%
tolerance), all with a -40oC to
125oC temperature range as
standard.
The ZXRE250 is available in 3-
pin and 5-pin versions of
SOT23, ZXRE252 offers a
reverse pinout in SOT23.
The ZXRE250/2 can be used as
a replacement for Zener
diodes in many applications
requiring an improvement in
Zener performance.
Very low cathode current 2.5V shunt regulator
with industrial temperature range and 36V
max input voltage
§ Very low minimum cathode current for regulation; 40μA typical
§ Ensures minimum power dissipation in applications such as idle
power for ACDC external PSU’s for laptop PC’s
§ Wide temperature range: -40 to 125oC
Simplifies component choice and stocking
§ Maximum cathode voltage of 36V
Matches industry standard ‘431; allowing it to be used in a wide
range of applications
§ Available in SOT23 and SOT25 with green (no Br, Sb) molding
compound
Environmentally friendly small surface mount package variants
§ 0.5% and 1% variants in all package options
Meets requirements of modern equipment


Similar Part No. - AP431

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP431 ANACHIP-AP431 Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
logo
Diodes Incorporated
AP431 DIODES-AP431 Datasheet
285Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
AP431 DIODES-AP431 Datasheet
303Kb / 16P
ADJUSTABLE PRECISION SHUNT REGULATOR
DS31002 Rev. 15 - 2
logo
Advanced Power Electron...
AP431 A-POWER-AP431 Datasheet
80Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
ZXRE250 DIODES-ZXRE250 Datasheet
407Kb / 14P
VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_11 Datasheet
409Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AS431I DIODES-AS431I Datasheet
448Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
Input Voltage Max. 36V
April 1, 2012
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
Input Voltage Max. 36V
April 1, 2012
logo
Diodes Incorporated
AP431S DIODES-AP431S Datasheet
524Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com