Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX3CD3S1M832TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZX3CD3S1M832TC
Description  40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZX3CD3S1M832TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZX3CD3S1M832TC Datasheet HTML 1Page - Diodes Incorporated ZX3CD3S1M832TC Datasheet HTML 2Page - Diodes Incorporated ZX3CD3S1M832TC Datasheet HTML 3Page - Diodes Incorporated ZX3CD3S1M832TC Datasheet HTML 4Page - Diodes Incorporated ZX3CD3S1M832TC Datasheet HTML 5Page - Diodes Incorporated ZX3CD3S1M832TC Datasheet HTML 6Page - Diodes Incorporated ZX3CD3S1M832TC Datasheet HTML 7Page - Diodes Incorporated ZX3CD3S1M832TC Datasheet HTML 8Page - Diodes Incorporated ZX3CD3S1M832TC Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SUMMARY
PNP Transistor
VCEO =-40V; RSAT = 104m ; C = -3A
Schottky Diode
VR = 40V; VF = 500mV (@1A); IC=1A
DESCRIPTION
Packaged in the new innovative 3mm x 2mm MLP this combination dual
comprises an ultra low saturation PNP transistor and a 1A Schottky barrier
diode. This excellent combination provides users with highly efficient
performance in applications including DC-DC and charging circuits.
Users will also gain several other key benefits:
Performance capability equivalent to much larger packages
Improved circuit efficiency & power levels
PCB area and device placement savings
Lower package height (0.9mm nom)
Reduced component count
FEATURES
• Extremely Low Saturation Voltage (-220mV @-1A)
• H
FE characterised up to -3A
• I
C = -3A Continuous Collector Current
• Extremely Low V
F, fast switching Schottky
• 3mm x 2mm MLP
APPLICATIONS
• DC - DC Converters
• Mobile Phones
• Charging Circuits
• Motor control
DEVICE MARKING
3S1
ZX3CD3S1M832
ISSUE 3 - OCTOBER 2007
MPPS™ Miniature Package Power Solutions
40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY
DIODE COMBINATION DUAL
1
Cathode
Anode
B
C
E
DEVICE
REEL
TAPE
WIDTH
QUANTITY
PER REEL
ZX3CD3S1M832TA
7
8mm
3000
ZX3CD3S1M832TC
13
8mm
10000
ORDERING INFORMATION
3mm x 2mm Dual Die MLP
3mm x 2mm Dual MLP
underside view
PINOUT
OBSOLETE - PLEASE USE ZXTPS720MC


Similar Part No. - ZX3CD3S1M832TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX3CD3S1M832TC ZETEX-ZX3CD3S1M832TC Datasheet
346Kb / 9P
MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
More results

Similar Description - ZX3CD3S1M832TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX3CD2S1M832 ZETEX-ZX3CD2S1M832 Datasheet
344Kb / 9P
MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD1S1M832 ZETEX-ZX3CD1S1M832 Datasheet
350Kb / 9P
12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD3S1M832 ZETEX-ZX3CD3S1M832 Datasheet
346Kb / 9P
MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Diodes Incorporated
ZXTC6719MC DIODES-ZXTC6719MC Datasheet
226Kb / 9P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 2
ZXTNS618MC DIODES-ZXTNS618MC Datasheet
270Kb / 10P
20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
Rev 2
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXTD3M832 DIODES-ZXTD3M832 Datasheet
352Kb / 6P
DUAL 40V PNP LOW SATURATION TRANSISTOR
JUNE 2003
ZX3CD2S1M832 DIODES-ZX3CD2S1M832 Datasheet
482Kb / 9P
20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
OCTOBER 2007
ZX3CD1S1M832 DIODES-ZX3CD1S1M832 Datasheet
484Kb / 9P
12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
OCTOBER 2007
ZXTC6719MC DIODES-ZXTC6719MC_15 Datasheet
225Kb / 9P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com