Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE367 Datasheet(PDF) 1 Page - RFHIC

Part # AE367
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE367 Datasheet(HTML) 1 Page - RFHIC

  AE367 Datasheet HTML 1Page - RFHIC AE367 Datasheet HTML 2Page - RFHIC AE367 Datasheet HTML 3Page - RFHIC AE367 Datasheet HTML 4Page - RFHIC AE367 Datasheet HTML 5Page - RFHIC AE367 Datasheet HTML 6Page - RFHIC AE367 Datasheet HTML 7Page - RFHIC AE367 Datasheet HTML 8Page - RFHIC AE367 Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
E-pHEMT MMIC
AE367
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 12
Version 1.3
0B
Product Features
1B
Applications
• 50 ~ 3500MHz
• GaAs E-pHEMT MMIC
• 0.5W Medium Amplifier
• Higher linearity
• Low Noise Figure
• High Max input power
• SOT-89 SMD Type package
• Higher productivity
• Lower manufacturing cost
• Pb Free / RoHS Standard
• Cellular, GSM
• PCS, DCS, W-CDMA
• Wibro, WiMax, WiFi
• Tetra, CATV, Satellite system
• RFID, Femtocell
• Multi-metering
2B
Description
AE367 is a drive or pre-drive amplifier designed in a low cost SOT-89 package.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current and high IP3.
It is designed as driver devices for infrastructure equipment in the 50~3500MHz Wireless technologies such as Cellular, GSM, PCS,
W-CDMA, Wibro, WiMax System.
The data in this spec sheet is valid only for 50 ohm application.
Electrical Specifications
PARAMETER
UNIT
Test Frequency
REMARK
1960MHz
2140MHz
2600MHz
Small Signal Gain
dB
16.2
15.5
14.2
-
Input Return Loss
dB
-15
-15
-15
-
Output Return Loss
dB
-13
-13.5
-17
-
Output IP3*
dBm
39
39
38.5
-
1dB Compression Point
dBm
27
27
27.5
-
Noise Figure
dB
3.5
3.5
3.2
-
WCDMA**
dBm
18.5
18.5
19
@-50dBc ACLR
Efficiency
%
50
50
52
@ P1dB
Supply Voltage/DC Current
V/mA
5/140
-
Note
1. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz
2. WCDMA 3G 1FA Test Model1 64DPCH, PAR = 10dB@0.01%
Absolute Maximum Ratings
3B
4B4B
PARAMETER
UNIT
MIN
TYP
MAX
REMARK
Device Voltage
V
-
5
7
-
Operating Case Temperature
℃
-40
-
85
-
Storage Temperature
℃
-40
-
150
-
ESD Human Body Model
-
-
Class 1B
-
-
Moisture Sensitivity Level
-
-
MSL1
-
-
Junction Temperature (Tj)
℃
-
-
180
@ quiescent current,
No RF, Tc = 85℃
Thermal Resistance (Rth)
℃/W
-
62
-
Package Type : SOT-89


Similar Part No. - AE367

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
E-pHEMT MMIC
AE362 RFHIC-AE362_14 Datasheet
695Kb / 9P
drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE364 RFHIC-AE364 Datasheet
251Kb / 6P
E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
E-pHEMT MMIC
AE366 RFHIC-AE366 Datasheet
207Kb / 3P
E-pHEMT MMIC
More results

Similar Description - AE367

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE410 RFHIC-AE410 Datasheet
740Kb / 6P
drive or pre-drive amplifier designed in a low cost SOT-89 package
AE379 RFHIC-AE379 Datasheet
206Kb / 5P
drive or pre-drive amplifier designed in a low cost SOIC-8 package.
AE368 RFHIC-AE368 Datasheet
14Mb / 14P
a drive or pre-drive amplifier designed in a low cost SOIC-8 package.
AE366 RFHIC-AE366_14 Datasheet
239Kb / 5P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE362 RFHIC-AE362_14 Datasheet
695Kb / 9P
drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE305 RFHIC-AE305 Datasheet
723Kb / 11P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE314 RFHIC-AE314_14 Datasheet
19Mb / 13P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
logo
Foshan Blue Rocket Elec...
MCR100T FOSHAN-MCR100T Datasheet
727Kb / 6P
Thyristor in a SOT-89 Plastic Package
78L06T FOSHAN-78L06T Datasheet
700Kb / 6P
Voltage Regulator in a SOT-89 Plastic Package
78L09T FOSHAN-78L09T Datasheet
883Kb / 6P
Voltage Regulator in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com