Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE367 Datasheet(PDF) 5 Page - RFHIC

Part # AE367
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE367 Datasheet(HTML) 5 Page - RFHIC

  AE367 Datasheet HTML 1Page - RFHIC AE367 Datasheet HTML 2Page - RFHIC AE367 Datasheet HTML 3Page - RFHIC AE367 Datasheet HTML 4Page - RFHIC AE367 Datasheet HTML 5Page - RFHIC AE367 Datasheet HTML 6Page - RFHIC AE367 Datasheet HTML 7Page - RFHIC AE367 Datasheet HTML 8Page - RFHIC AE367 Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
E-pHEMT MMIC
AE367
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
5 / 12
Version 1.3
Application Circuit @ 2110 ~ 2170MHz, 50ohm System
EVB BOM
Description
Reference Designator
Manufacturer
Manufacturer's P/N
CAP, 0.5pF, 1608
C3
Murata
GRM1885C1HR50CZ01D
CAP, 1pF, 1608
C2, C5
Murata
GRM1885C1H1R0CZ01D
CAP, 1.8pF, 1608
L2
Murata
GRM1885C1H1R8CZ01D
CAP, 5pF, 1608
L4
Murata
GRM1885C1H5R0CZ01D
CAP, 100nF, 1608
C8
Murata
GRM188R71C104KA01D
CAP, 4.7uF, 3216-18
C9
AVX
TAJA475M016RNJ
IND, 27nH, ±5%, 1608, W/W
L3
Murata
LQW18AN27NJ00
RES, 0Ohm, 1608
C1, Rbias, C6
ROHM
MCR03 EZPJ000
DNP
L1, C4, C7
-
-
Typical Performance
5B
PARAMETER
UNIT
TYPICAL
REMARK
Operational Frequency Range
MHz
2110 ~ 2170
-
Small Signal Gain(S21)
dB
15.5
@ 2140MHz
Input Return Loss(S11)
dB
-15
-
Output Return Loss(S22)
dB
-13.5
-
Output IP3(OIP3)
dBm
39
@ 2140MHz
1dB Compression Point(P1dB)
dBm
27
Noise Figure(NF)
dB
3.5
-
WCDMA**
dBm
18.5
-
Efficiency
%
50
-
Supply Voltage/DC Current
V/mA
5/140
-
Note
1. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz
2. WCDMA 3G 1FA Test Model1 64DPCH, PAR = 10dB@0.01%
C1
C2
L2
C3
C5
L4
C6
L3
Rbias
C8
C9
L1
C4
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com