Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE367 Datasheet(PDF) 4 Page - RFHIC

Part # AE367
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE367 Datasheet(HTML) 4 Page - RFHIC

  AE367 Datasheet HTML 1Page - RFHIC AE367 Datasheet HTML 2Page - RFHIC AE367 Datasheet HTML 3Page - RFHIC AE367 Datasheet HTML 4Page - RFHIC AE367 Datasheet HTML 5Page - RFHIC AE367 Datasheet HTML 6Page - RFHIC AE367 Datasheet HTML 7Page - RFHIC AE367 Datasheet HTML 8Page - RFHIC AE367 Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E-pHEMT MMIC
AE367
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 12
Version 1.3
Output Power vs. Input Power
0
5
10
15
20
25
30
35
-10
-5
0
5
10
15
20
Input Powe r (dBm)
1930MHz
1960MHz
1990MHz
Power Gain vs. Output Power
0
5
10
15
20
25
5
10
15
20
25
30
Output Power (dBm)
1930MHz
1960MHz
1990MHz
Efficiency vs. Output Power
0
10
20
30
40
50
60
70
80
5
10
15
20
25
30
Output Power (dBm)
1930MHz
1960MHz
1990MHz
ACLR vs Output Power
3GPP 4FA WCDMA, TM1, 64DPCH
-60
-55
-50
-45
-40
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Po[dBm]
1930MHz
1960MHz
1990MHz
@±5MHz Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com