Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTR250 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZTR250
Description  FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTR250 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZTR250 Datasheet HTML 1Page - Diodes Incorporated ZTR250 Datasheet HTML 2Page - Diodes Incorporated ZTR250 Datasheet HTML 3Page - Diodes Incorporated ZTR250 Datasheet HTML 4Page - Diodes Incorporated ZTR250 Datasheet HTML 5Page - Diodes Incorporated ZTR250 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZTR250
ZTR500
0
Time (µs)
Line Transient Response
Load Current
010
20
30
40
50
Time (µs)
Load Transient Response
0
10
20
30
40
50
60
70
80
90
10
100
1K
10K
100K
Ripple Frequency (Hz)
100
1K
10K
100K
10
1.0
0.1
0.01
Frequency (Hz)
I = 10mA
V = V
+ 4V
O
IN
OUT
Output Impedance v Frequency
Ripple Rejection v Ripple Frequency
b
a
b
a
a
b
20
40
60
80
100
0mA
5mA
b
a
Vin
0
-0.4
0
-0.4
0.4
0.4
0V
5V
0
0.4
-0.4
0
-0.4
0.4
0
1
2
800
600
400
200
0
Power Derating
Power Derating
TO92
o
I = 2mA
-50
-25
0
25
50
75 100 125
Temperature (°C)
-50
-25
0
25
50
75 100 125
Temperature (°C)
Io = 10mA
SOT23
SOT89
Surface Mount Devices
Through Hole Device
TYPICAL CHARACTERISTICS
COUT=0
VIN=Vo+4
dVIN/dt=5V/µs
COUT=0
VIN=Vo+4
dIo/dt=1A/µs
a=ZTR250: b=ZTR500
4-392
Not Recommended for New Design
Please Use ZMR Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com