Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTR250 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZTR250
Description  FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTR250 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZTR250 Datasheet HTML 1Page - Diodes Incorporated ZTR250 Datasheet HTML 2Page - Diodes Incorporated ZTR250 Datasheet HTML 3Page - Diodes Incorporated ZTR250 Datasheet HTML 4Page - Diodes Incorporated ZTR250 Datasheet HTML 5Page - Diodes Incorporated ZTR250 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Note:
1. The maximum operating input voltage and output current of the device will be governed by the maximum
power dissipation of the selected package. Maximum package power dissipation is specified at 25 °C and
must be linearly derated to zero at Tamb=125°C.
2. The following data represents pulse test conditions with junction temperatures as indicated at the initiation
of the test. Continuous operation of the devices with the stated conditions might exceed the power dissipation
limits of the chosen package.
3. This device does not contain a thermal shutdown circuit so care should be taken not to exceed the stated
maximum power dissipation rating.Maximum power dissipation, for the SOT23 and SOT89 packages, is
calculated assuming that the device is mounted on a ceramic substrate measuring 15 x 15 x 0.6mm.
ZTR250
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=10mA, Vin=6.5V
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
2.438
2.5
2.563
V
IO=0 to 50mA
Tj=-55 to 125°C
2.360
2.640
V
Vin=4.5 to 20V
IO=0 to 50mA
Tj=-55 to 125°C
2.360
2.640
V
∆V
O
Line Regulation
V
in=4.5 to 20V
5
15
mV
∆V
O
Load Regulation
IO=0 to 50mA
IO=0 to 10mA
20
12
30
mV
mV
l
s
Supply Current
Tj=-55 to 125°C
30
40
µA
∆l
s
Supply Current Change
I
O=0 to 50mA
Vin=4.5 to 20V
1
2
±10
10
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10kHz
65
µV
(rms)
∆V
in/∆VO
Ripple Rejection
Vin=6.3 to 18V
f=120Hz
55
75
dB
V
in
Input Voltage Required
To Maintain Regulation
4.2
3.9
V
∆V
O/∆T
Average Temperature
Coefficient of VO
IO=5.0mA
Tj=-55 to 125°C
0.275
0.700
mV/°C
ZTR250
ZTR500
ABSOLUTE MAXIMUM RATINGS
Input Voltage
20V
Output current (IO)
200mA
Operating temperature
-55 to 125°C
Storage temperature
-65 to 150°C
Power Dissipation (Tamb= 25°C, Tjmax=150 °C)
SOT23
500mW
TO92
600mW
SOT89
1.5W
4-389
Not Recommended for New Design
Please Use ZMR Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com