Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTR250 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZTR250
Description  FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTR250 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZTR250 Datasheet HTML 1Page - Diodes Incorporated ZTR250 Datasheet HTML 2Page - Diodes Incorporated ZTR250 Datasheet HTML 3Page - Diodes Incorporated ZTR250 Datasheet HTML 4Page - Diodes Incorporated ZTR250 Datasheet HTML 5Page - Diodes Incorporated ZTR250 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FIXED 2.5 AND 5 VOLT
3-TERMINAL VOLTAGE REFERENCES
ISSUE 4 - MARCH 1998
DEVICE DESCRIPTION
The ZTR250 and ZTR500 are precision three
terminal references. These devices are ideal
for battery powered applications where
power saving is important. They offer low
power alternatives to other two terminal
shunt references.
The ZTR devices do not require an external
resistor and, in contrast to two terminal
references, waste none of the battery power
as load current varies. The ZTR only
consumes 30
µA supply current.
The two devices require as low as 1.4 volts
between input and output for regulation.
Output voltage tolerance is
± 2.5%, with a
voltage variation of 0.275mV/°C over the
-55°C to 125°C operating range.
FEATURES
• Small outline SOT23 and SOT89
packages
• TO92 package
• 2.5V and 5V output
• 2.5% tolerance
• Supply current independent of input
voltage over temperature
• Output current up to 50mA
• Very low supply current (30µA)
• Unconditionally stable
• Internal short circuit current limit
APPLICATIONS
• Battery Powered Systems
• Portable and Hand Held Equipment
• Instrumentation
• Metering
ZTR250
ZTR500
Vin
Vout
Gnd
SCHEMATIC DIAGRAM
4-388
Not Recommended for New Design
Please Use ZMR Series


Similar Part No. - ZTR250

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZTR250C02 ZETEX-ZTR250C02 Datasheet
98Kb / 6P
FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZTR250F02 ZETEX-ZTR250F02 Datasheet
98Kb / 6P
FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZTR250Z02 ZETEX-ZTR250Z02 Datasheet
98Kb / 6P
FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
More results

Similar Description - ZTR250

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Seme LAB
IP78M05ADP SEME-LAB-IP78M05ADP Datasheet
13Kb / 2P
3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Rev 10
ZMR DIODES-ZMR Datasheet
187Kb / 7P
FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Rev 11
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com