Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZH431C01 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZH431C01
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZH431C01 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZH431C01 Datasheet HTML 1Page - Diodes Incorporated ZH431C01 Datasheet HTML 2Page - Diodes Incorporated ZH431C01 Datasheet HTML 3Page - Diodes Incorporated ZH431C01 Datasheet HTML 4Page - Diodes Incorporated ZH431C01 Datasheet HTML 5Page - Diodes Incorporated ZH431C01 Datasheet HTML 6Page - Diodes Incorporated ZH431C01 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ADJUSTABLE PRECISION
ZENER SHUNT REGULATOR
Issue 2 - February 1998
ZH431
DEVICE DESCRIPTION
The ZH431 is a three terminal adjustable
sh unt regulat o r off e ring ex ce llen t
temperature stability and output current
handling capability up to 30mA. The output
voltage may be set to any chosen voltage
between 2.5 and 36 volts by selection of two
external divider resistors.
The devices can be used as a replacement
for zener diodes in many applications
req u i r ing an i m p r ov emen t in zen e r
performance.They are also ideal for use in
the feedback circuits of off line SMPUs as
well as many general purpose regulator and
reference applications where initial accuracy
and low temperature coefficient are key
requirements.
Note:
ZH431 is not recommended for new designs.
Refer to ZR431
FEATURES
• Surface mount SO8, SOT223,SOT23
and SOT89 packages
• TO92 package
• 2% and 1% tolerance
• Maximum temperature coefficient 55
ppm/°C
• Temperature compensated for
operation over the full temperature
range
• Programmable output voltage
• 50µA to 30mA current sink capability
• Low output noise
APPLICATIONS
• Shunt regulator
• Series regulator
• Voltage monitor
• Over voltage/ under voltage protection
• Switch mode power supplies
V
Z
G
nd
V ref
SCHEMATIC DIAGRAM
4-15
Not Recommended for New Design
Please Use ZR431


Similar Part No. - ZH431C01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZH431C01 ETC-ZH431C01 Datasheet
106Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results

Similar Description - ZH431C01

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
Adjustable Precision Zener Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com