Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZH431C01 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZH431C01
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZH431C01 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZH431C01 Datasheet HTML 1Page - Diodes Incorporated ZH431C01 Datasheet HTML 2Page - Diodes Incorporated ZH431C01 Datasheet HTML 3Page - Diodes Incorporated ZH431C01 Datasheet HTML 4Page - Diodes Incorporated ZH431C01 Datasheet HTML 5Page - Diodes Incorporated ZH431C01 Datasheet HTML 6Page - Diodes Incorporated ZH431C01 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZH431
ABSOLUTE MAXIMUM RATING
Cathode Voltage (VZ)
40V
Cathode Current
50mA
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 125°C
Recommended Operating Conditions
Min
Max
Cathode Voltage
Vref
36V
Cathode Current
50
µA 30mA
Power Dissipation (Tamb=25°C, Tjmax=150°C)
SOT23
330mW
TO92
780mW
SOT223
2W
SO8
780mW
SOT89
1.5W
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise
stated):Tamb=25°C
PARAMETER
SYMBOL
VALUE
UNITS CONDITIONS
MIN
TYP MAX
Reference Voltage
2%
1%
Vref
2.45
2.475
2.50
2.50
2.55
2.525
VIL=10mA (Fig1), VZ=Vref
Deviation of Reference
Input Voltage over
Temperature
Vdev
8.0
17
mV
IL=10mA, VZ=Vref
Ta=full range (Fig1)
Ratio of the change in
Reference Voltage to the
Change in Cathode
Voltage
∆Vref
∆VZ
-0.7
-2.7
mV/V
VZ from Vref to 10V
IZ=10mA (Fig2)
-0.6
-2.0
mV/V
VZ from 10V to 36V
IZ=10mA (Fig2)
Reference Input Current
Iref
0.15 1.0
µA
R1=10k, R2=O/C, lL=10mA (Fig2)
Deviation of Reference
Input Current over
Temperature
∆Iref
0.06 0.2
µA
R1=10k, R2=O/C, IL=10mA
Ta=full range (Fig2)
Minimum Cathode
Current for Regulation
IZmin
21
50
µA
VZ=Vref (Fig1)
Dynamic Output Impedance RZ
0.75
Ω
VZ=Vref (Fig1), f=0Hz
Deviation of reference input voltage, Vdev, is defined as the maximum variation of the reference
input voltage over the full temperature range.
The average temperature coefficient of the reference input voltage, Vref is defined as:
Vref
(ppm
⁄ °C)=
Vdev x 1000000
Vref
(T1−T2)
The dynamic output impedance, Rz, is defined as:
RZ
=
∆VZ
∆IZ
When the device is programmed with two external
resistors, R1 and R2, (fig 2) , the dynamic output
impedance of the overall circuit, R’, is defined as:
R’
=Rz (1+
R1
R2
)
Vmax
Vmin
T1
T2
Vdev = Vmax - Vmin
Temperature
4-16
Not Recommended for New Design
Please Use ZR431



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com