Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZH431C01 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZH431C01
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZH431C01 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZH431C01 Datasheet HTML 1Page - Diodes Incorporated ZH431C01 Datasheet HTML 2Page - Diodes Incorporated ZH431C01 Datasheet HTML 3Page - Diodes Incorporated ZH431C01 Datasheet HTML 4Page - Diodes Incorporated ZH431C01 Datasheet HTML 5Page - Diodes Incorporated ZH431C01 Datasheet HTML 6Page - Diodes Incorporated ZH431C01 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZH431
Gain v Frequency
Frequency (Hz)
100
10k
0
50
100k
1M
1k
40
30
20
10
70
60
Pulse Response
Time (µs)
0.1
0.15
0.25
0.2
0
5
3.0
2.0
1.0
0
00.05
INPUT
REPETITIVE
PULSE
SINGLE
PULSE
Stability Boundary Conditions
Load Capacitance (F)
1000p
0.01µ
0.1µ
0
5
20
15
10
10p
100p
1µ
Unstable
Stable
25
30
TYPICAL CHARACTERISTICS
Stable
IZ
15k
VZ
Test Circuit for Open Loop Voltage Gain
8k25
9
µF
230
Ω
+
-
IZ = 10mA, TA = 25°C
Test Circuit for Pulse Response
Input Monitor
V
Z
220
Ω
50
Ω
Pulse
Generator
TA = 25°C
Test Circuit for Stability Boundary Conditions
Input
150
10k
Vref < VZ < 40, IZ = 10mA, TA = 25°C
VZ
IZ
4-18
Not Recommended for New Design
Please Use ZR431



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com