Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR3003 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # TR3003
Description  303.825 MHz Hybrid Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR3003 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  TR3003 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 12
©2008 by RF Monolithics, Inc.
TR3003 - 4/4/08
• Designed for Short-Range Wireless Data Communications
• Supports RF Data Transmission Rates Up to 115.2 kbps
• 3 V, Low Current Operation plus Sleep Mode
• Stable, Easy to Use, Low External Parts Count
• Complies with Directive 2002/95/EC (RoHS)
The TR3003 hybrid transceiver is ideal for short-range wireless data applications where robust operation,
small size, low power consumption and low cost are required. The TR3003 employs RFM’s amplifier-
sequenced hybrid (ASH) architecture to achieve this unique blend of character- istics. All critical RF functions
are contained in the hybrid, simplifying and speeding design-in. The receiver section of the TR3003 is
sensitive and stable. A wide dynamic range log detector, in combination with digital AGC and a compound
data slicer, provide robust performance in the presence of on-channel interference or noise. Two stages of
SAW filtering provide excellent receiver out-of-band rejection. The transmitter includes provisions for both on-
off keyed (OOK) and amplitude-shift keyed (ASK) modulation. The transmitter employs SAW filtering to
suppress output harmonics, facilitating compliance with FCC Part 15 and similar regulations.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
303.825 MHz
Hybrid
Transceiver
TR3003
SM-20L Case
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fo
303.625
304.025
MHz
Modulation Types
OOK & ASK
OOK Data Rate
30
kbps
ASK Data Rate
115.2
kbps
Receiver Performance, High Sensitivity Mode
Sensitivity, 2.4 kbps, 10-3 BER, AM Test Method
1
-109
dBm
Sensitivity, 2.4 kbps, 10-3 BER, Pulse Test Method
1
-103
dBm
Current, 2.4 kbps (RPR = 330 K)
23.0
mA
Sensitivity, 19.2 kbps, 10-3 BER, AM Test Method
1
-105
dBm
Sensitivity, 19.2 kbps, 10-3 BER, Pulse Test Method
1
-99
dBm
Current, 19.2 kbps (RPR = 330 K)
23.1
mA
Sensitivity, 115.2 kbps, 10-3 BER, AM Test Method
1
-101
dBm
Sensitivity, 115.2 kbps, 10-3 BER, Pulse Test Method
1
-95
dBm
Current, 115.2 kbps
3.8
mA
Receiver Performance, Low Current Mode
Sensitivity, 2.4 kbps, 10-3 BER, AM Test Method
1
-104
dBm
Sensitivity, 2.4 kbps, 10-3 BER, Pulse Test Method
1
-98
dBm
Current, 2.4 kbps (RPR = 1100 K)
21.8
mA
Receiver Out-of-Band Rejection, ±5% fo
R±5%
380
dB
Receiver Ultimate Rejection
RULT
3
100
dB
DEVELOPMENT KIT
(Info Click here)


Similar Part No. - TR3003

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR3003 RFM-TR3003 Datasheet
86Kb / 12P
303.825 MHz Hybrid Transceiver
More results

Similar Description - TR3003

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR4103 RFM-DR4103 Datasheet
111Kb / 2P
303.825 MHz Transmitter Module
RX5003 RFM-RX5003 Datasheet
103Kb / 11P
303.825 MHz Hybrid Receiver
TX5003 RFM-TX5003 Datasheet
72Kb / 6P
303.825 MHz Hybrid Transmitter
DR3103 RFM-DR3103 Datasheet
206Kb / 5P
303.825 MHz Transceiver Module
TR3003 RFM-TR3003 Datasheet
86Kb / 12P
303.825 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR7003 MURATA-TR7003 Datasheet
367Kb / 15P
303.825 MHz Hybrid Transceiver
RF3210D MURATA-RF3210D Datasheet
574Kb / 2P
303.825 MHz SAW Filter
DR4103 MURATA-DR4103 Datasheet
309Kb / 2P
303.825 MHz Transmitter Module
DR7003 MURATA-DR7003 Datasheet
412Kb / 7P
303.825 MHz Transceiver Module
DR7003-EV MURATA-DR7003-EV Datasheet
205Kb / 8P
303.825 MHz Transceiver Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com