Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR3003 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # TR3003
Description  303.825 MHz Hybrid Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR3003 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  TR3003 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 12
©2008 by RF Monolithics, Inc.
TR3003 - 4/4/08
Electrical Characteristics (typical values given for 3.0 Vdc power supply, 25 °C)
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Transmitter Performance
Peak RF Output Power, 250 µA TXMOD Current
PO
31.5
dBm
Peak Current, 250 µA TXMOD Current
ITP
39.5
mA
2nd - 4th Harmonic Outputs
3
-50
dBm
5th - 10th Harmonic Outputs
3
-55
dBm
Non-harmonic Spurious Outputs
3
-50
dBm
OOK Turn On/Turn Off Times
tON/tOFF
412/6
µs
ASK Output Rise/Fall Times
tTR/tTF
4
1.1/1.1
µs
Sleep Mode Current
IS
0.7
µA
Power Supply Voltage Range
VCC
2.2
3.7
Vdc
Power Supply Voltage Ripple
10
mVP-P
Ambient Operating Temperature
TA
-40
85
°C
1.
Typical sensitivity data is based on a 10-3 bit error rate (BER), using DC-balanced data. There are two test methods commonly used to measure OOK/ASK
receiver sensitivity, the “100% AM” test method and the “Pulse” test method. Sensitivity data is given for both test methods. See Appendix 3.8 in the ASH
Transceiver Designer’s Guide for the details of each test method, and for sensitivity curves for a 2.2 to 3.7 V supply voltage range at five operating
temperatures. The application/test circuit and component values are shown on the next page and in the Designer’s Guide.
2.
At low data rates it is possible to adjust the ASH pulse generator to trade-off some receiver sensitivity for lower operating current. Sensitivity data and receiver
current are given at 2.4 kbps for both high sensitivity operation (RPR = 330 K) and low current operation (RPR = 1100 K).
3.
Data is given with the ASH radio matched to a 50 ohm load. Matching component values are given on the next page.
4.
See Table 1 on Page 8 for additional information on ASH radio event timing.
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
10.795
10.922
11.049
.425
.430
.435
B
9.525
9.652
9.779
.375
.380
.385
C
1.778
1.905
2.032
.070
.075
.080
D
3.048
3.175
3.302
.120
.125
.130
E
0.381
0.508
0.635
.015
.020
.025
F
0.889
1.016
1.143
.035
.040
.045
G
3.175
3.302
3.429
.125
.130
.135
H
1.778
1.905
2.032
.070
.075
0.80
3
4
5
6
7
9
11
12
13
14
15
16
17
19
ASH Transceiver Pin Out
RFIO
8
2
10
20
1
18
LPFADJ
RREF
THLD2
AGCCAP
PKDET
BBOUT
CMPIN
RXDATA
TXMOD
THLD1
PRATE
PWIDTH
GND1
VCC1
GND2
VCC2
GND3
CNTRL0
CNTRL1
SM-20L Package Drawing
CD
E
F
G
A
B
H
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com