Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR3003 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # TR3003
Description  303.825 MHz Hybrid Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR3003 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  TR3003 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR3003 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 3 of 12
©2008 by RF Monolithics, Inc.
TR3003 - 4/4/08
Modulation Input
Data Output
TOP VIEW
GND
3
CNT
RL0
CNT
RL1
P
WIDTH
P
RATE
THLD
1
THLD
2
RREF
GND2
TX
MOD
RX
DATA
LPF
ADJ
CMP
IN
BB
OUT
PK
DET
AGC
CAP
VCC
1
VCC
2
RFIO
GND1
+ 3
VDC
ASH Transceiver Application Circuit
OOK Configuration
1
20
23456789
10
11
12
13
14
15
16
17
18
19
+ 3
VDC
R
PW
R
PR
R
TH1
R
REF
R
LPF
R
TXM
C
BBO
C
RFB2
C
DCB
L
AT
L
ESD
C
RFB1
L
RFB
+
T/R
C
LPF
R
BBO
Modulation Input
Data Output
TOP VIEW
GND
3
CNT
RL0
CNT
RL1
P
WIDTH
P
RATE
THLD
1
THLD
2
RREF
GND2
TX
MOD
RX
DATA
LPF
ADJ
CMP
IN
BB
OUT
PK
DET
AGC
CAP
VCC
1
VCC
2
RFIO
GND1
+ 3
VDC
ASH Transceiver Application Circuit
ASK Configuration
1
20
23
456
789
10
11
12
13
14
15
16
17
18
19
+ 3
VDC
TR Mode
Control
R
PW
R
PR
R
TH1
R
TH2
R
REF
R
LPF
R
TXM
C
BBO
C
PKD
C
AGC
C
RFB2
C
DCB
L
AT
L
ESD
C
RFB1
L
RFB
+
Tranceiver Set-Up, 3.0 Vdc, -40 to +85 °C
Item
Symbol
OOK
OOK
ASK
Units
Notes
Encoded Data Rate
DRNOM
2.4
19.2
115.2
kbps
see page 1& 2
Minimum Signal Pulse
SPMIN
416.67
52.08
8.68
µs
single bit
Maximum Signal Pulse
SPMAX
1666.68
208.32
34.72
µs
4 bits of same value
AGCCAP Capacitor
CAGC
-
-
2200
pF
±10% ceramic
PKDET Capacitor
CPKD
-
-
0.001
µF
±10% ceramic
BBOUT Capacitor
CBBO
0.1
0.015
0.0027
µF
±10% ceramic
BBOUT Resistor
RBBO
12
0
0
K
±5%
LPFAUX Capacitor
CLPF
0.0047
-
-
µF
±5%
TXMOD Resistor
RTXM
8.2
8.2
8.2
K
±5%, for 1.5 dBm output
LPFADJ Resistor
RLPF
330
100
15
K
±5%
RREF Resistor
RREF
100
100
100
K
±1%
THLD2 Resistor
RTH2
-
-
100
K
±1%, for 6 dB below peak
THLD1 Resistor
RTH1
0
0
10
K
±1%, typical values
PRATE Resistor
RPR
330
330
160
K
±5%
PWIDTH Resistor
RPW
270 to GND
270 to GND
1000 to Vcc
K
±5%
DC Bypass Capacitor
CDCB
4.7
4.7
4.7
µF
tantalum
RF Bypass Capacitor 1
CRFB1
100
100
100
pF
±5% NPO
RF Bypass Capacitor 2
CRFB2
100
100
100
pF
±5% NPO
RF Bypass Bead
LRFB
Fair-Rite
Fair-Rite
Fair-Rite
vendor
2506033017YO or equivalent
Antenna Tuning Inductor
LAT
82
82
82
nH
50 ohm antenna
Shunt Tuning/ESD Inductor
LESD
33
33
33
nH
50 ohm antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com