Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NTP
Description  Surface Mount Polymer-Tantalum Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTP Datasheet(HTML) 2 Page - NIC-Components Corp.

  NTP Datasheet HTML 1Page - NIC-Components Corp. NTP Datasheet HTML 2Page - NIC-Components Corp. NTP Datasheet HTML 3Page - NIC-Components Corp. NTP Datasheet HTML 4Page - NIC-Components Corp. NTP Datasheet HTML 5Page - NIC-Components Corp. NTP Datasheet HTML 6Page - NIC-Components Corp. NTP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
MAX. ESR (m
Ω) @ 20°C/100KHz AND RIPPLE CURRENT (mArms) @20°C/100KHz
Surface Mount Polymer-Tantalum Capacitor
NTP Series
NIC Part Number
Capacitance
Value (
μF)
Working Voltage
(Vdc)
Dissipation Factor
@ +20°C/120Hz
ESR (m
Ω)
@+20°C/100KHz
Ripple Current Rating (mA)
@ +20°C/100KHz
NTP227M2.5TRA(45)F
220
2.5
0.08
45
1291
NTP227M2.5TRA(35)F
220
0.08
35
1464
NTP227M2.5TRA(25)F
220
0.08
25
1732
NTP227M2.5TRB(45)F
220
0.08
45
1374
NTP227M2.5TRB(35)F
220
0.08
35
1558
NTP227M2.5TRB(25)F
220
0.08
25
1844
NTP227M2.5TRB(21)F
220
0.08
21
2011
NTP227M2.5TRB(15)F
220
0.08
15
2380
NTP337M2.5TRB(45)F
330
0.08
45
1374
NTP337M2.5TRB(35)F
330
0.08
35
1558
NTP337M2.5TRB(21)F
330
0.08
21
2011
NTP337M2.5TRB(15)F
330
0.08
15
2380
NTP337M2.5TRB(9)F
330
0.08
9
3073
NTP337M2.5TRC(55)F
330
0.08
55
1414
NTP337M2.5TRC(45)F
330
0.10
45
1563
NTP337M2.5TRC(25)F
330
0.10
25
2345
NTP337M2.5TRC(18)F
330
0.10
18
2472
NTP337M2.5TRV(25)F
330
0.10
25
2236
NTP337M2.5TRV(15)F
330
0.10
15
2887
NTP337M2.5TRV(12)F
330
0.10
12
3227
NTP337M2.5TRV(9)F
330
0.10
9
3726
NTP477M2.5TRV(15)F
470
0.10
15
2887
NTP477M2.5TRV(12)F
470
0.10
12
3227
NTP477M2.5TRV(7)F
470
0.10
7
5300
NTP477M2.5TRV(6)F
470
0.10
6
4546
NTP687M2.5TRD(25)F
680
0.10
25
2449
NTP687M2.5TRD(15)F
680
0.10
15
3162
NTP108M2.5TRD(25)F
1000
0.10
25
2449
NTP108M2.5TRD(15)F
1000
0.10
15
3162
NTP226M4TRB(150)F
22
4.0
0.08
150
753
NTP336M4TRA(180)F
33
0.06
180
645
NTP336M4TRA(70)F
33
0.08
70
1300
NTP476M4TRA(180)F
47
0.06
180
645
NTP476M4TRA(80)F
47
0.08
80
1200
NTP476M4TRB2(70)F
47
0.08
70
1035
NTP686M4TRA(180)F
68
0.06
180
645
NTP107M4TRA(100)F
100
0.06
100
866
NTP107M4TRA(45)F
100
0.08
45
1291
NTP107M4TRA(35)F
100
0.08
35
1464
NTP107M4TRB2(70)F
100
0.08
70
1035
NTP107M4TRB(70)F
100
0.08
70
1102
NTP107M4TRB(45)F
100
0.08
100
1374
NTP107M4TRB(35)F
100
0.08
35
1558
NTP157M4TRB(45)F
150
0.08
45
1374
NTP157M4TRB(35)F
150
0.08
35
1558
NTP157M4TRB(25)F
150
0.08
25
1844
NTP157M4TRC(100)F
150
0.09
100
1049
NTP227M4TRB(45)F
220
0.08
45
1374
NTP227M4TRB(35)F
220
0.08
35
1558
NTP227M4TRB(25)F
220
0.08
25
1844
NTP227M4TRB(15)F
220
0.08
15
2380
NTP227M4TRC(55)F
220
0.09
55
1414
NTP227M4TRC(45)F
220
0.09
45
1563
NTP227M4TRC(25)F
220
0.09
25
2098
NTP227M4TRC(18)F
220
0.09
18
2472
NTP227M4TRV(45)F
220
0.10
45
1667
NTP227M4TRV(25)F
220
0.10
25
2236
NTP227M4TRV(18)F
220
0.10
18
2635
NTP227M4TRV(15)F
220
0.10
15
2887
NTP227M4TRV(12)F
220
0.10
12
3227
NTP227M4TRD(55)F
220
0.10
55
1561



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com