Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NTP
Description  Surface Mount Polymer-Tantalum Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTP Datasheet(HTML) 3 Page - NIC-Components Corp.

  NTP Datasheet HTML 1Page - NIC-Components Corp. NTP Datasheet HTML 2Page - NIC-Components Corp. NTP Datasheet HTML 3Page - NIC-Components Corp. NTP Datasheet HTML 4Page - NIC-Components Corp. NTP Datasheet HTML 5Page - NIC-Components Corp. NTP Datasheet HTML 6Page - NIC-Components Corp. NTP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
Capacitance
Value (
μF)
Working Voltage
(Vdc)
Dissipation Factor
@ +20°C/120Hz
ESR (m
Ω)
@+20°C/100KHz
Ripple Current Rating (mA)
@ +20°C/100KHz
NTP227M4TRD(40)F
220
4.0
0.10
40
1936
NTP227M4TRD(25)F
220
0.10
25
2449
NTP227M4TRD(15)F
220
0.10
15
3162
NTP227M4TRD(12)F
220
0.10
12
3536
NTP337M4TRC(55)F
330
0.10
55
1414
NTP337M4TRC(45)F
330
0.08
45
1900
NTP337M4TRV(45)F
330
0.10
45
1667
NTP337M4TRV(25)F
330
0.10
25
2236
NTP337M4TRV(12)F
330
0.10
12
3227
NTP337M4TRD(40)F
330
0.10
40
1936
NTP337M4TRD(25)F
330
0.10
25
2449
NTP337M4TRD(15)F
330
0.10
15
3162
NTP477M4TRD(25)F
470
0.10
25
2449
NTP477M4TRD(18)F
470
0.10
18
2887
NTP477M4TRD(15)F
470
0.10
15
3162
NTP477M4TRD(12)F
470
0.10
12
3536
NTP477M4TRD(10)F
470
0.10
10
3873
NTP687M4TRD(25)F
680
0.10
25
2449
NTP687M4TRD(15)F
680
0.10
15
3162
NTP687M4TRD(12)F
680
0.10
12
3536
NTP106M6.3TRA(200)F
10
6.3
0.06
200
612
NTP226M6.3TRA(180)F
22
0.06
180
645
NTP226M6.3TRB2(70)F
22
0.08
70
1035
NTP336M6.3TRA(180)F
33
0.06
180
645
NTP336M6.3TRA(120)F
33
0.08
120
1000
NTP336M6.3TRB2(70)F
33
0.08
70
1035
NTP336M6.3TRB(150)F
33
0.08
150
753
NTP336M6.3TRB(70)F
33
0.08
70
1300
NTP336M6.3TRB(40)F
33
0.08
40
1800
NTP476M6.3TRA(180)F
47
0.06
180
645
NTP476M6.3TRB2(70)F
47
0.08
70
1035
NTP476M6.3TRB2(55)F
47
0.08
55
1168
NTP476M6.3TRB(150)F
47
0.08
150
753
NTP476M6.3TRB(70)F
47
0.08
70
1102
NTP686M6.3TRB2(70)F
68
0.08
70
1035
NTP686M6.3TRB(70)F
68
0.08
70
1102
NTP686M6.3TRB(55)F
68
0.08
55
1243
NTP686M6.3TRB(40)F
68
0.08
40
1800
NTP686M6.3TRC(100)F
68
0.09
100
1049
NTP107M6.3TRA(35)F
100
0.08
35
1500
NTP107M6.3TRA(70)F
100
0.08
70
1035
NTP107M6.3TRB(70)F
100
0.08
70
1102
NTP107M6.3TRB(45)F
100
0.08
45
1374
NTP107M6.3TRB(35)F
100
0.08
35
1558
NTP107M6.3TRB(25)F
100
0.08
25
1844
NTP107M6.3TRC(100)F
100
0.09
100
1049
NTP107M6.3TRC(55)F
100
0.09
55
1414
NTP107M6.3TRC(45)F
100
0.08
45
1900
NTP107M6.3TRV(15)F
100
0.10
15
2886
NTP157M6.3TRB(45)F
150
0.08
45
1374
NTP157M6.3TRB(35)F
150
0.08
35
1558
NTP157M6.3TRB(25)F
150
0.08
25
1844
NTP157M6.3TRC(100)F
150
0.09
100
1049
NTP157M6.3TRC(55)F
150
0.09
55
1414
NTP157M6.3TRC(45)F
150
0.09
45
1563
NTP157M6.3TRC(25)F
150
0.09
25
2098
NTP157M6.3TRV(45)F
150
0.10
45
1667
NTP157M6.3TRV(25)F
150
0.10
25
2236
NTP157M6.3TRV(18)F
150
0.10
18
2635
NTP157M6.3TRV(15)F
150
0.10
15
2886
NTP157M6.3TRV(12)F
150
0.10
12
3227
MAX. ESR (m
Ω) @ 20°C/100KHz AND RIPPLE CURRENT (mArms) @20°C/100KHz
Surface Mount Polymer-Tantalum Capacitor
NTP Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com