Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NTP
Description  Surface Mount Polymer-Tantalum Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTP Datasheet(HTML) 4 Page - NIC-Components Corp.

  NTP Datasheet HTML 1Page - NIC-Components Corp. NTP Datasheet HTML 2Page - NIC-Components Corp. NTP Datasheet HTML 3Page - NIC-Components Corp. NTP Datasheet HTML 4Page - NIC-Components Corp. NTP Datasheet HTML 5Page - NIC-Components Corp. NTP Datasheet HTML 6Page - NIC-Components Corp. NTP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
Capacitance
Value (
μF)
Working Voltage
(Vdc)
Dissipation Factor
@ +20°C/120Hz
ESR (m
Ω)
@+20°C/100KHz
Ripple Current Rating (mA)
@ +20°C/100KHz
NTP157M6.3TRD(55)F
150
6.3
0.10
55
1651
NTP157M6.3TRD(40)F
150
0.10
40
1936
NTP157M6.3TRD(25)F
150
0.10
25
2449
NTP227M6.3TRB(35)F
220
0.08
35
1558
NTP227M6.3TRB(25)F
220
0.08
25
1844
NTP227M6.3TRV(45)F
220
0.10
45
1667
NTP227M6.3TRV(25)F
220
0.10
25
2236
NTP227M6.3TRV(15)F
220
0.10
15
2887
NTP227M6.3TRV(12)F
220
0.10
12
3227
NTP227M6.3TRD(55)F
220
0.10
55
1651
NTP227M6.3TRD(40)F
220
0.10
40
1936
NTP337M6.3TRV(45)F
330
0.10
45
1667
NTP337M6.3TRV(25)F
330
0.10
25
2236
NTP337M6.3TRD(40)F
330
0.10
40
1936
NTP337M6.3TRD(25)F
330
0.10
25
2449
NTP337M6.3TRD(18)F
330
0.10
18
2887
NTP335M10TRA(300)F
3.3
10
0.06
300
500
NTP475M10TRA(300)F
4.7
0.06
300
500
NTP685M10TRA(300)F
6.8
0.06
300
500
NTP106M10TRA(200)F
10
0.06
200
612
NTP106M10TRA(80)F
10
0.08
80
1200
NTP106M10TRB(200)F
10
0.08
200
652
NTP156M10TRA(180)F
15
0.06
180
645
NTP156M10TRA(80)F
15
0.08
80
1200
NTP226M10TRA(180)F
22
0.06
180
645
NTP226M10TRB2(70)F
22
0.08
70
1035
NTP226M10TRB(150)F
22
0.08
150
753
NTP336M10TRA(200)F
33
0.06
200
612
NTP336M10TRA(70)F
33
0.08
70
1200
NTP336M10TRB2(70)F
33
0.08
70
1035
NTP336M10TRB(150)F
33
0.08
150
753
NTP476M10TRB2(70)F
47
0.08
70
1035
NTP476M10TRB(70)F
47
0.08
70
1102
NTP476M10TRC(100)F
47
0.09
100
1049
NTP686M10TRC(100)F
68
0.09
100
1049
NTP686M10TRC(55)F
68
0.09
55
1414
NTP686M10TRC(45)F
68
0.08
45
1900
NTP686M10TRV(60)F
68
0.10
60
1443
NTP686M10TRD(100)F
68
0.10
100
1225
NTP107M10TRV(45)F
100
0.10
45
1667
NTP107M10TRV(25)F
100
0.10
25
2236
NTP107M10TRC(100)F
100
0.09
100
1049
NTP107M10TRC(55)F
100
0.09
55
1414
NTP107M10TRC(45)F
100
0.08
45
1900
NTP107M10TRC(25)F
100
0.08
25
2600
NTP107M10TRD(55)F
100
0.10
55
1651
NTP157M10TRC(55)F
150
0.09
55
1414
NTP157M10TRV(40)F
150
0.10
40
1768
NTP157M10TRV(45)F
150
0.10
45
1667
NTP157M10TRD(55)F
150
0.10
55
1651
NTP157M10TRD(40)F
150
0.10
40
1936
NTP227M10TRD(55)F
220
0.10
55
1651
NTP227M10TRD(40)F
220
0.10
40
1936
NTP227M10TRD(25)F
220
0.10
25
2449
NTP335M16TRA(800)F
3.3
16
0.06
800
306
NTP475M16TRB(200)F
4.7
0.08
200
652
NTP685M16TRB(200)F
6.8
0.08
200
652
NTP106M16TRB(100)F
10
0.08
100
922
NTP336M16TRV(70)F
33
0.10
70
1336
NTP476M16TRV(70)F
47
0.10
70
1336
NTP476M16TRV(45)F
47
0.01
45
2000
MAX. ESR (m
Ω) @ 20°C/100KHz AND RIPPLE CURRENT (mArms) @20°C/100KHz
Surface Mount Polymer-Tantalum Capacitor
NTP Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com