Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4898MMBD Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4898MMBD
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4898MMBD Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4898MMBD Datasheet HTML 2Page - Texas Instruments LM4898MMBD Datasheet HTML 3Page - Texas Instruments LM4898MMBD Datasheet HTML 4Page - Texas Instruments LM4898MMBD Datasheet HTML 5Page - Texas Instruments LM4898MMBD Datasheet HTML 6Page - Texas Instruments LM4898MMBD Datasheet HTML 7Page - Texas Instruments LM4898MMBD Datasheet HTML 8Page - Texas Instruments LM4898MMBD Datasheet HTML 9Page - Texas Instruments LM4898MMBD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
10m
100m
1
2
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
20kHz
1kHz
20Hz
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
LM4898, LM4898MMBD
SNAS216D – MAY 2004 – REVISED MAY 2004
www.ti.com
Typical Performance Characteristics
Non-NGZ0010B Specific Characteristics
THD+N vs Frequency
THD+N vs Frequency
VDD = 5V, RL = 8Ω, PO = 400mW
VDD = 3V, RL = 8Ω, PO = 275mW
Figure 9.
Figure 10.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3V, RL = 4Ω, PO = 225mW
VDD = 2.6V, RL = 8Ω, PO = 150mW
Figure 11.
Figure 12.
THD+N vs Frequency
THD+N vs Output Power
VDD = 2.6V, RL = 4Ω, PO = 150mW
VDD = 5V, RL = 8Ω
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM4898 LM4898MMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com