Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4898MMBD Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4898MMBD
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4898MMBD Datasheet(HTML) 1 Page - Texas Instruments

  LM4898MMBD Datasheet HTML 1Page - Texas Instruments LM4898MMBD Datasheet HTML 2Page - Texas Instruments LM4898MMBD Datasheet HTML 3Page - Texas Instruments LM4898MMBD Datasheet HTML 4Page - Texas Instruments LM4898MMBD Datasheet HTML 5Page - Texas Instruments LM4898MMBD Datasheet HTML 6Page - Texas Instruments LM4898MMBD Datasheet HTML 7Page - Texas Instruments LM4898MMBD Datasheet HTML 8Page - Texas Instruments LM4898MMBD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM4898, LM4898MMBD
www.ti.com
SNAS216D – MAY 2004 – REVISED MAY 2004
LM4898
1 Watt Fully Differential Audio Power Amplifier
With Shutdown Select
Check for Samples: LM4898, LM4898MMBD
1
FEATURES
DESCRIPTION
The LM4898 is a fully differential audio power
2
•
Fully Differential Amplification
amplifier
primarily
designed
for
demanding
•
Available in Space-Saving Packages DSBGA,
applications in mobile phones and other portable
VSSOP, and WSON
communication device applications. It is capable of
•
Ultra Low Current Shutdown Mode
delivering 1 watt of continuous average power to an
8
Ω BTL load with less than 1% distortion (THD+N)
•
Can Drive Capacitive Loads up to 500pF
from a 5VDC power supply.
•
Improved Pop and Click Circuitry Eliminates
Boomer
audio
power
amplifiers
were
designed
Noises During Turn-On and Turn-Off
specifically to provide high quality output power with a
Transitions
minimal
amount
of
external
components.
The
•
2.4 - 5.5V Operation
LM4898 does not require output coupling capacitors
•
No Output Coupling Capacitors, Snubber
or bootstrap capacitors, and therefore is ideally suited
Networks or Bootstrap Capacitors Required
for mobile phone and other low voltage applications
where minimal power consumption is a primary
•
Shutdown High or Low Selectivity
requirement.
APPLICATIONS
The LM4898 features a low-power consumption
shutdown mode. To facilitate this, Shutdown may be
•
Mobile Phones
enabled by either logic high or low depending on
•
PDAs
mode selection. Driving the shutdown mode pin either
•
Portable Electronic Devices
high or low enables the shutdown select pin to be
driven in a likewise manner to enable Shutdown.
Additionally, the LM4898 features an internal thermal
KEY SPECIFICATIONS
shutdown protection mechanism.
•
Improved PSRR at 217Hz: 83 dB(typ)
The LM4898 contains advanced pop and click
•
Power Output at 5.0V, 1% THD: 1.0 W(typ)
circuitry which virtually eliminates noises which would
•
Power Output at 3.3V, 1% THD: 400 mW(typ)
otherwise
occur
during
turn-on
and
turn-off
•
Shutdown Current: 0.1µA(typ)
transitions.
Connection Diagrams
Top View
Top View
Top View
Figure 1. VSSOP Package
Figure 2. WSON Package
Figure 3. 9 Bump DSBGA
Package
See Package Number DGS0010A
See Package Number NGZ0010B
See Package Number
YZR0009AAA
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4898MMBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4898MM NSC-LM4898MM Datasheet
596Kb / 17P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results

Similar Description - LM4898MMBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com